Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4961 Datasheet (PDF) - Analog Devices

ADA4961 Datasheet PDF - Analog Devices
Part # ADA4961
Download  ADA4961 Download
File Size   722.59 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion, 3.2 GHz, RF DGA

ADA4961 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4961 Datasheet PDF - Analog Devices

Part # ADA4961
Download  ADA4961 Click to download

File Size   722.59 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion, 3.2 GHz, RF DGA

ADA4961 Datasheet (HTML) - Analog Devices


ADA4961 Product details

FEATURES High speed
−3 dB bandwidth: 3.2 GHz −1 dB bandwidth: 1.8 GHz Slew rate: 12,000 V/μs
Digitally adjustable gain Voltage gain: −6 dB to +15 dB
Power gain: −3 dB to +18 dB 5-bit parallel or SPI bus gain control with fast attack
IMD3/HD3 distortion, maximum gain, 5 V, high performance
(HP) mode IMD3/HD3 at 1 GHz: −90 dBc/−83 dBc
IMD3/HD3 at 1.5 GHz: −85 dBc/−75 dBc
IMD3/HD3 at 2 GHz: −70 dBc/−70 dBc
Low noise Noise density referred to output (RTO): −154 dBm/Hz
Noise figure: 5.5 dB at AV = 15 dB, 1 GHz Differential impedances: 100 Ω input, 50 Ω output Low power mode operation, power-down control
Single 3.3 V or 5 V supply operation
Available in 24-lead, 4 mm × 4 mm LFCSP APPLICATIONS
ADC driver for 10-bit to 14-bit GSPS converters
RF/IF gain blocks
Line drivers
Instrumentation
Satellite communications Data acquisition
Military systems




Similar Part No. - ADA4961

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
Digitally adjustable gain
REV. A
ADA4961ACPZN-R7 AD-ADA4961ACPZN-R7 Datasheet
1Mb / 25P
Digitally adjustable gain
REV. A
More results


Similar Description - ADA4961

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8352 AD-AD8352 Datasheet
410Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
1/06-Revision 0
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
9/06-Rev. 0 to Rev. A
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5562 AD-ADL5562_17 Datasheet
560Kb / 21P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Rev. F
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
Apr-2018
ADL5335 AD-ADL5335 Datasheet
512Kb / 16P
DGA
12/2017-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com