Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8012ARMZ Datasheet (PDF) - Analog Devices

AD8012ARMZ Datasheet PDF - Analog Devices
Part # AD8012ARMZ
Download  AD8012ARMZ Download
File Size   326.5 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 350 MHz Low Power Amplifier

AD8012ARMZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8012ARMZ Datasheet PDF - Analog Devices

Part # AD8012ARMZ
Download  AD8012ARMZ Click to download

File Size   326.5 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 350 MHz Low Power Amplifier

AD8012ARMZ Datasheet (HTML) - Analog Devices


AD8012ARMZ Product details

FEATURES
Low Power
1.7 mA/Amplifier Supply Current
Fully Specified for 5 V and +5 V Supplies
High Output Current, 125 mA
High Speed
350 MHz, –3 dB Bandwidth (G = +1)
150 MHz, –3 dB Bandwidth (G = +2)
2,250 V/s Slew Rate
20 ns Settling Time to 0.1%
Low Distortion
–72 dBc Worst Harmonic @ 500 kHz, RL = 100 
–66 dBc Worst Harmonic @ 5 MHz, RL = 1 k
Good Video Specifications (RL = 1 k, G = +2)
0.02% Differential Gain Error
0.06 Differential Phase Error
Gain Flatness 0.1 dB to 40 MHz
60 ns Overdrive Recovery
Low Offset Voltage, 1.5 mV
Low Voltage Noise, 2.5 nV/√Hz
Available in 8-Lead SOIC and 8-Lead MSOP
APPLICATIONS
XDSL, HDSL Line Drivers
ADC Buffers
Professional Cameras
CCD Imaging Systems
Ultrasound Equipment
Digital Cameras




Similar Part No. - AD8012ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8012ARMZ AD-AD8012ARMZ Datasheet
261Kb / 16P
Dual 350 MHz Low Power Amplifier
REV. B
AD8012ARMZ AD-AD8012ARMZ Datasheet
475Kb / 17P
Dual 350 MHz Low Power Amplifier
REV. B
AD8012ARMZ-REEL AD-AD8012ARMZ-REEL Datasheet
261Kb / 16P
Dual 350 MHz Low Power Amplifier
REV. B
AD8012ARMZ-REEL AD-AD8012ARMZ-REEL Datasheet
475Kb / 17P
Dual 350 MHz Low Power Amplifier
REV. B
AD8012ARMZ-REEL7 AD-AD8012ARMZ-REEL7 Datasheet
261Kb / 16P
Dual 350 MHz Low Power Amplifier
REV. B
More results


Similar Description - AD8012ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8012 AD-AD8012 Datasheet
414Kb / 15P
Dual 350 MHz Low Power Amplifier
REV.A
AD8038 AD-AD8038 Datasheet
346Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
5/02-Data Sheet changed from REV. A to REV. B.
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3 Datasheet
318Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8012 AD-AD8012_03 Datasheet
261Kb / 16P
Dual 350 MHz Low Power Amplifier
REV. B
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
50 MHz to 350 MHz CASCADEABLE AMPLIFIER
11-Mar-2008
logo
Analog Devices
AD8012ARZ AD-AD8012ARZ Datasheet
475Kb / 17P
Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012_15 Datasheet
475Kb / 17P
Dual 350 MHz Low Power Amplifier
REV. B
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
350-450 MHz Amplifier Kit
5/30/14
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com