Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8012ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8012ARMZ
Description  Dual 350 MHz Low Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8012ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8012ARMZ Datasheet HTML 3Page - Analog Devices AD8012ARMZ Datasheet HTML 4Page - Analog Devices AD8012ARMZ Datasheet HTML 5Page - Analog Devices AD8012ARMZ Datasheet HTML 6Page - Analog Devices AD8012ARMZ Datasheet HTML 7Page - Analog Devices AD8012ARMZ Datasheet HTML 8Page - Analog Devices AD8012ARMZ Datasheet HTML 9Page - Analog Devices AD8012ARMZ Datasheet HTML 10Page - Analog Devices AD8012ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
REV.
C
AD8012
–7–
1V
10ns
TPC 7. 4 V Step Response; G = +2, VS =
±5 V, RL = 100 Ω
20mV
5ns
TPC 8. 100 mV Step Response; G = –1, VS =
±2.5 V
or
±5 V, RL = 100 Ω*
500mV
10ns
TPC 9. 2 V Step Response; G = –1, VS =
±2.5 V, RL = 100 Ω
1V
10ns
TPC 10. 4 V Step Response; G = –1, VS =
±5 V, RL = 100 Ω
RL –
–40
–90
10
1k
100
–70
–80
–60
–50
G = +2
VOUT = 2V p-p
RF = 750
THIRD
SECOND
TPC 11. Distortion vs. Load Resistance; VS =
±5 V,
Frequency = 500 kHz
THIRD
RL = 1k
FREQUENCY
MHz
1
10
20
SECOND
RL = 1k
THIRD
RL = 100
SECOND
RL = 100
–40
–60
–80
–100
G = +2
VOUT = 2V p-p
RF = 750
TPC 12. Distortion vs. Frequency; VS =
±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com