Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8016 Datasheet (PDF) - Analog Devices

AD8016 Datasheet PDF - Analog Devices
Part # AD8016
Download  AD8016 Download
File Size   486.54 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, High Output Current xDSL Line Driver

AD8016 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8016 Datasheet PDF - Analog Devices

Part # AD8016
Download  AD8016 Click to download

File Size   486.54 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, High Output Current xDSL Line Driver

AD8016 Datasheet (HTML) - Analog Devices


AD8016 Product details

FEATURES
xDSL line driver that features full ADSL central office (CO)
Performance on ±12 V supplies
Low power operation
±5 V to ±12 V voltage supply
12.5 mA/amp (typical) total supply current
Power reduced keep alive current of 4.5 mA/amp
High output voltage and current drive
IOUT = 600 mA
40 V p-p differential output voltage RL = 50 Ω, VS = ±12 V
Low single-tone distortion
–75 dBc @ 1 MHz SFDR, RL = 100 Ω, VOUT = 2 V p-p
MTPR = –75 dBc, 26 kHz to 1.1 MHz, ZLINE = 100 Ω,
PLINE = 20.4 dBm
High Speed
78 MHz bandwidth (–3 dB), G = +5
40 MHz gain flatness
1000 V/μs slew rate




Similar Part No. - AD8016

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016 AD-AD8016 Datasheet
569Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV.A
AD8016 AD-AD8016 Datasheet
369Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB AD-AD8016ARB Datasheet
569Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV.A
AD8016ARB AD-AD8016ARB Datasheet
369Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV. B
AD8016ARB-EVAL AD-AD8016ARB-EVAL Datasheet
569Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV.A
More results


Similar Description - AD8016

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
XDSL LINE DRIVER
Oct-2001
logo
Analog Devices
AD8016 AD-AD8016 Datasheet
569Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV.A
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
xDSL Differential Line Driver
September 29, 2006
logo
Analog Devices
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
Low Power, High Output Current xDSL Line Driver
REV. B
logo
Intersil Corporation
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
xDSL Differential Line Driver
February 26, 2008
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
Low Power, High Output Current xDSL Line Driver
REV. C
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
xDSL Differential Line Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com