Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8038AR Datasheet (PDF) - Analog Devices

AD8038AR Datasheet PDF - Analog Devices
Part # AD8038AR
Download  AD8038AR Download
File Size   303.29 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 350 MHz Voltage Feedback Amplifiers

AD8038AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8038AR Datasheet PDF - Analog Devices

Part # AD8038AR
Download  AD8038AR Click to download

File Size   303.29 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, 350 MHz Voltage Feedback Amplifiers

AD8038AR Datasheet (HTML) - Analog Devices


AD8038AR Product details

FEATURES
Low power: 1 mA supply current/amp
High speed
350 MHz, −3 dB bandwidth (G = +1)
425 V/μs slew rate
Low cost
Low noise
8 nV/√Hz @ 100 kHz
600 fA/√Hz @ 100 kHz
Low input bias current: 750 nA maximum
Low distortion
−90 dB SFDR @ 1 MHz
−65 dB SFDR @ 5 MHz
Wide supply range: 3 V to 12 V
Small packaging: 8-lead SOT-23, 5-lead SC70, and 8-lead SOIC
APPLICATIONS
Battery-powered instrumentation
Filters
A/D drivers
Level shifting
Buffering
Photo multipliers




Similar Part No. - AD8038AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8038AR AD-AD8038AR Datasheet
346Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
5/02-Data Sheet changed from REV. A to REV. B.
AD8038AR AD-AD8038AR Datasheet
256Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8038AR AD-AD8038AR Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038AR-REEL AD-AD8038AR-REEL Datasheet
346Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
5/02-Data Sheet changed from REV. A to REV. B.
AD8038AR-REEL AD-AD8038AR-REEL Datasheet
256Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
More results


Similar Description - AD8038AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8038 AD-AD8038 Datasheet
346Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
5/02-Data Sheet changed from REV. A to REV. B.
AD8055 AD-AD8055 Datasheet
207Kb / 11P
Low Cost, 300 MHz Voltage Feedback Amplifiers
REV.B
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com