Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD826 Datasheet (PDF) - Analog Devices

AD826 Datasheet PDF - Analog Devices
Part # AD826
Download  AD826 Download
File Size   725.57 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Speed, Low-Power Dual Operational Amplifier

AD826 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD826 Datasheet PDF - Analog Devices

Part # AD826
Download  AD826 Click to download

File Size   725.57 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Speed, Low-Power Dual Operational Amplifier

AD826 Datasheet (HTML) - Analog Devices


AD826 Product details

FEATURES
High Speed:
50 MHz Unity Gain Bandwidth
350 V/s Slew Rate
70 ns Settling Time to 0.01%
Low Power:
7.5 mA Max Power Supply Current Per Amp
Easy to Use:
Drives Unlimited Capacitive Loads
50 mA Min Output Current Per Amplifier
Specified for +5 V, 5 V and 15 V Operation
2.0 V p-p Output Swing into a 150  Load
(VS = +5 V)
Good Video Performance
Differential Gain & Phase Error of 0.07% & 0.11
Excellent DC Performance:
2.0 mV Max Input Offset Voltage
APPLICATIONS
Unity Gain ADC/DAC Buffer
Cable Drivers
8- and 10-Bit Data Acquisition Systems
Video Line Driver
Active Filters




Similar Part No. - AD826

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
High-Speed, Low-Power Dual Operational Amplifier
REV.B
AD8260 AD-AD8260 Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
REV. 0
AD8260 AD-AD8260 Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier
5/16-Rev. A to Rev. B
AD8260-EVALZ AD-AD8260-EVALZ Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
REV. 0
AD8260-EVALZ AD-AD8260-EVALZ Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier
5/16-Rev. A to Rev. B
More results


Similar Description - AD826

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
High-Speed, Low-Power Dual Operational Amplifier
REV.B
logo
Linear Technology
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
High-Speed, Low-Power Dual Operational Amplifier
8/02-Data Sheet changed from REV. B to REV. C.
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Analog Devices
AD826 AD-AD826_15 Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
High Speed Low Power Operational Amplifier
29-Nov-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com