Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260 Datasheet (PDF) - Analog Devices

AD8260 Datasheet PDF - Analog Devices
Part # AD8260
Download  AD8260 Download
File Size   1078.49 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps

AD8260 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8260 Datasheet PDF - Analog Devices

Part # AD8260
Download  AD8260 Click to download

File Size   1078.49 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps

AD8260 Datasheet (HTML) - Analog Devices


AD8260 Product details

GENERAL DESCRIPTION
The AD8260 includes a high current driver, usable as a transmitter, and a low noise digitally programmable variable gain amplifier (DGA), useable as a receiver.
   
FEATURES
    High current driver
        Differential input—direct drive from DAC
        Preset gain: 1.5×
        −3 dB bandwidth: 195 MHz
        Large output drive: >±300 mA
    VGA/preamplifier
        Low noise
            Voltage noise: 2.4 nV/√Hz
            Current noise: 5 pA/√Hz
        −3 dB bandwidth: 230 MHz
        Gain range: 30 dB in 3 dB steps
            −6 dB to +24 dB (for preamplifier gain of 6 dB)
        Single-ended preamplifier input and differential VGA
            output
    Supplies: 3.3 V to 10 V (with VMID enabled)
        ±3.3 V to ±5 V (with VMID disabled)
    Power: 93 mW with 3.3 V supplies
        Power-down for VGA, driver amplifier, and system
   
APPLICATIONS
    Digital AGC systems
    Tx/Rx signal processing
    Power line transceivers
   




Similar Part No. - AD8260

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8260 AD-AD8260 Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier
5/16-Rev. A to Rev. B
AD8260-EVALZ AD-AD8260-EVALZ Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier
5/16-Rev. A to Rev. B
AD8260ACPZ-R7 AD-AD8260ACPZ-R7 Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier
5/16-Rev. A to Rev. B
AD8260ACPZ-RL AD-AD8260ACPZ-RL Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier
5/16-Rev. A to Rev. B
AD8260ACPZ-WP AD-AD8260ACPZ-WP Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier
5/16-Rev. A to Rev. B
More results


Similar Description - AD8260

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8332 AD-AD8332 Datasheet
606Kb / 28P
Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
logo
National Semiconductor ...
LMV1031-20 NSC-LMV1031-20 Datasheet
690Kb / 10P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LH2440 NSC-LH2440 Datasheet
367Kb / 5P
CRT PREAMPLIFIER AND DRIVER
logo
Texas Instruments
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
STMicroelectronics
AN1282 STMICROELECTRONICS-AN1282 Datasheet
179Kb / 2P
PREAMPLIFIER AND SPEAKER DRIVER USING TS925
Jun-2000
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
logo
Analog Devices
AD8260 AD-AD8260_16 Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier
5/16-Rev. A to Rev. B
logo
Infineon Technologies A...
BGA9H1MN9 INFINEON-BGA9H1MN9 Datasheet
663Kb / 21P
Mid- and High-Band Low Noise Amplifier with Gain Steps and MIPI Control
Revision 2.0 2021-05-06
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com