Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8260 Datasheet HTML 5Page - Analog Devices AD8260 Datasheet HTML 6Page - Analog Devices AD8260 Datasheet HTML 7Page - Analog Devices AD8260 Datasheet HTML 8Page - Analog Devices AD8260 Datasheet HTML 9Page - Analog Devices AD8260 Datasheet HTML 10Page - Analog Devices AD8260 Datasheet HTML 11Page - Analog Devices AD8260 Datasheet HTML 12Page - Analog Devices AD8260 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD8260
Rev. 0 | Page 9 of 32
–100
LOAD CAPACITANCE (pF)
100
40
0
–40
–20
–60
–80
–90
80
20
10
60
f = 10MHz
–70
–50
–30
50
90
30
70
HD2, VOUT = 1V p-p
HD3, VOUT = 1V p-p
HD2, VOUT = 2V p-p
HD3, VOUT = 2V p-p
Figure 9. Harmonic Distortion (HD2, HD3) vs. Load Capacitance at Two
Values of Output Voltage for the High Current Driver—See Figure 54
–100
OUTPUT VOLTAGE (V p-p)
3.0
1.5
0
–40
–20
–60
–80
–120
0
2.5
1.0
0.5
2.0
HD3
HD2
f = 10MHz
Figure 10. Harmonic Distortion (HD2, HD3) vs. Output Voltage for the High
Current Driver—See Figure 54
–100
FREQUENCY (Hz)
100M
10M
1M
–40
–20
–60
–80
–90
HD3
HD2
–70
–50
–30
1V p-p
2V p-p
Figure 11. Harmonic Distortion (HD2, HD3) vs. Frequency of the High Current
Driver at Two Values of Output Voltage—See Figure 54
100M
FREQUENCY (Hz)
2M
10M
–100
–80
–60
–40
–20
0
RLOAD = 50Ω, VOUT = 1V p-p
RLOAD = 50Ω, VOUT = 2V p-p
RLOAD = 500Ω, VOUT = 1V p-p
RLOAD = 500Ω, VOUT = 2V p-p
Figure 12. IMD3 vs. Frequency for Two Values of Output Voltage and Two
Values of Load Resistance for the High Current Driver—See Figure 55
100M
FREQUENCY (Hz)
2M
10M
50
40
30
20
10
0
RLOAD = 50Ω, VOUT = 1V p-p
RLOAD = 50Ω, VOUT = 2V p-p
RLOAD = 500Ω, VOUT = 1V p-p
RLOAD = 500Ω, VOUT = 2V p-p
Figure 13. Third-Order Intercept (OIP3) vs. Frequency for the High Current Driver
See Figure 55
0
20
FREQUENCY (Hz)
100M
10M
1M
5
15
10
RLOAD = 50Ω
RLOAD = 500Ω
Figure 14. Input-Referred 1 dB Compression (IP1dB) vs. Frequency for Two
Values of Load Resistance for the High Current Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com