Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8260 Datasheet HTML 13Page - Analog Devices AD8260 Datasheet HTML 14Page - Analog Devices AD8260 Datasheet HTML 15Page - Analog Devices AD8260 Datasheet HTML 16Page - Analog Devices AD8260 Datasheet HTML 17Page - Analog Devices AD8260 Datasheet HTML 18Page - Analog Devices AD8260 Datasheet HTML 19Page - Analog Devices AD8260 Datasheet HTML 20Page - Analog Devices AD8260 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD8260
Rev. 0 | Page 17 of 32
SIGNAL
GENERATORS
50Ω
IN
50Ω
INRP
VOCM
INRN
0.1µF
0.1µF
0.1µF
TXFB
TXOP
VMDO
SPECTRUM
ANALYZER
453Ω
1kΩ
1kΩ
1:1
AD8260—HIGH CURRENT DRIVER
50Ω
–
+
Figure 55. Test Circuit for IMD3 and OIP3 of the High Current Driver
OSCILLOSCOPE
IN
50Ω
50Ω
INRP
–
+
VOCM
INRN
0.1µF
0.1µF
0.1µF
TXFB
TXOP
VMDO
50Ω
12.5Ω
RLOAD
CLOAD
AD8260—HIGH CURRENT DRIVER
Figure 56. Test Circuit for Pulse Response of the High Current Driver
OSCILLOSCOPE
IN
50Ω
50Ω
453Ω
453Ω
VMDO
0.1µF
0.1µF
0.1µF
100Ω
SIGNAL
GENERATOR
50Ω
+
–
100Ω
PREAMP
AD8260—VGA/PREAMPLIFIER
Figure 57. Test Circuit for Gain Step Size and Error of the VGA/Preamplifier
DMM
VMDO
0.1µF
100Ω
+
–
100Ω
PREAMP
AD8260—VGA/PREAMPLIFIER
Figure 58. Test Circuit for Output-Referred Offset Voltage of the VGA/Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com