Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8260 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8260
Description  High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8260 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8260 Datasheet HTML 8Page - Analog Devices AD8260 Datasheet HTML 9Page - Analog Devices AD8260 Datasheet HTML 10Page - Analog Devices AD8260 Datasheet HTML 11Page - Analog Devices AD8260 Datasheet HTML 12Page - Analog Devices AD8260 Datasheet HTML 13Page - Analog Devices AD8260 Datasheet HTML 14Page - Analog Devices AD8260 Datasheet HTML 15Page - Analog Devices AD8260 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD8260
Rev. 0 | Page 12 of 32
27
24
21
18
15
12
9
6
3
0
–3
–12
–6
–9
100k
1M
10M
100M 200M
FREQUENCY (Hz)
1011
1010
1001
1000
0111
0110
0101
0100
0011
0010
0001
Figure 27. Frequency Response for a Supply Voltage (VS) of 3.3 V for all Codes
of the VGA/Preamplifier—See Figure 59
27
24
21
18
15
12
9
6
3
0
–3
–12
–6
–9
100k
1M
10M
100M 200M
FREQUENCY (Hz)
1011
1010
1001
1000
0111
0110
0101
0100
0011
0010
0001
VS = 5V
Figure 28. Frequency Response for a Supply Voltage (VS) of 5 V for All Codes
for the VGA/Preamplifier—See Figure 59
27
24
21
18
15
12
9
6
3
0
–3
–12
–6
–9
100k
1M
10M
100M 200M
FREQUENCY (Hz)
1011
1010
1001
1000
0111
0110
0101
0100
0011
0010
0001
VS = ±5V
Figure 29. Frequency Response for a Dual Supply (VS) = ±5 V for All Codes for
the VGA/Preamplifier—See Figure 59
10
8
6
4
2
0
1M
10M
100M
FREQUENCY (Hz)
Figure 30. Group Delay vs. Frequency for the VGA/Preamplifier
See Figure 59
100
FREQUENCY (Hz)
100M
0.1
1M
100k
10M
VGAP
10
1
VGAN
Figure 31. Output Resistance vs. Frequency for the VGA/Preamplifier
See Figure 60
10
50
20
30
40
GAIN SELECT CODE
1010
1001
1000
0111
0110
0101
0001
0100
0011
0010
1011
Figure 32. Output-Referred Noise vs. Gain Select Code for the
VGA/Preamplifier—See Figure 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com