Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD844AN Datasheet (PDF) - Analog Devices

AD844AN Datasheet PDF - Analog Devices
Part # AD844AN
Download  AD844AN Download
File Size   380.64 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60 MHz, 2000 V/μs, Monolithic Op Amp with Quad Low Noise

AD844AN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD844AN Datasheet PDF - Analog Devices

Part # AD844AN
Download  AD844AN Click to download

File Size   380.64 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60 MHz, 2000 V/μs, Monolithic Op Amp with Quad Low Noise

AD844AN Datasheet (HTML) - Analog Devices


AD844AN Product details

FEATURES Wide bandwidth
60 MHz at gain of −1 33 MHz at gain of −10 Slew rate: 2000 V/μs 20 MHz full power bandwidth, 20 V p-p, RL = 500 Ω Fast settling: 100 ns to 0.1% (10 V step)
Differential gain error: 0.03% at 4.4 MHz Differential phase error: 0.16° at 4.4 MHz Low offset voltage: 150 μV maximum (B Grade)
Low quiescent current: 6.5 mA Available in tape and reel in accordance with
EIA-481-A standard APPLICATIONS
Flash ADC input amplifiers High speed current DAC interfaces
Video buffers and cable drivers
Pulse amplifiers




Similar Part No. - AD844AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844AN AD-AD844AN Datasheet
493Kb / 12P
60 MHz, 2000 V/us Monolithic Op Amp
REV.C
AD844AN AD-AD844AN Datasheet
250Kb / 16P
60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844AN AD-AD844AN Datasheet
422Kb / 20P
60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
60 MHz 2000 V Monolithic Op Amp
Rev. F
More results


Similar Description - AD844AN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
Quad, Low-Power Monolithic Op Amp
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
Quad, Wideband Monolithic Op Amp
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
60 MHz, 2000 V/us Monolithic Op Amp
REV.C
logo
AUK corp
S4558 AUK-S4558 Datasheet
236Kb / 4P
Low Noise Dual OP AMP
logo
Analog Devices
AD844 AD-AD844_07 Datasheet
250Kb / 16P
60 MHz, 2000 V/us Monolithic Op Amp
REV. D
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
Low Power Quad OP AMP
logo
Analog Devices
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_15 Datasheet
422Kb / 20P
60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
CLC414 TI1-CLC414 Datasheet
421Kb / 12P
Quad, Low Power Monolithic Op Amp
logo
Analog Devices
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
36 V, Low Noise, Zero Drift Op Amp
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com