Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD844 Datasheet (PDF) - Analog Devices

AD844 Datasheet PDF - Analog Devices
Part # AD844
Download  AD844 Download
File Size   493.18 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60 MHz, 2000 V/us Monolithic Op Amp

AD844 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD844 Datasheet PDF - Analog Devices

Part # AD844
Download  AD844 Click to download

File Size   493.18 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60 MHz, 2000 V/us Monolithic Op Amp

AD844 Datasheet (HTML) - Analog Devices


AD844 Product details

GENERAL DESCRIPTION
The AD844 is a high speed monolithic operational amplifier fabricated using the Analog Devices, Inc., junction isolated complementary bipolar (CB) process. It combines high bandwidth and very fast large signal response with excellent dc performance. Although optimized for use in current-to-voltage applications and as an inverting mode amplifier, it is also suitable for use in many noninverting applications.
   
FEATURES
    Wide bandwidth
        60 MHz at gain of −1
        33 MHz at gain of −10
    Slew rate: 2000 V/μs
    20 MHz full power bandwidth, 20 V p-p, RL = 500 Ω
    Fast settling: 100 ns to 0.1% (10 V step)
    Differential gain error: 0.03% at 4.4 MHz
    Differential phase error: 0.16° at 4.4 MHz
    Low offset voltage: 150 μV maximum (B Grade)
    Low quiescent current: 6.5 mA
    Available in tape and reel in accordance with
        EIA-481-A standard
   
APPLICATIONS
    Flash ADC input amplifiers
    High speed current DAC interfaces
    Video buffers and cable drivers
    Pulse amplifiers
   




Similar Part No. - AD844

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844 AD-AD844 Datasheet
250Kb / 16P
60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844 AD-AD844 Datasheet
380Kb / 20P
60 MHz, 2000 V/μs, Monolithic Op Amp with Quad Low Noise
Rev. G
AD844ACHIPS AD-AD844ACHIPS Datasheet
250Kb / 16P
60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844ACHIPS AD-AD844ACHIPS Datasheet
422Kb / 20P
60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844ACHIPS AD-AD844ACHIPS Datasheet
380Kb / 20P
60 MHz, 2000 V/μs, Monolithic Op Amp with Quad Low Noise
Rev. G
More results


Similar Description - AD844

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
Quad, Wideband Monolithic Op Amp
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
450 V/us, Precision, Current-Feedback Op Amp
REV.C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
12MHz, 400V/us Op Amp
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
25MHz, 600V/us Op Amp
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
50MHz, 800V/us Op Amp
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
70MHz, 1000V/us Op Amp
logo
Analog Devices
AD844 AD-AD844_07 Datasheet
250Kb / 16P
60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_15 Datasheet
422Kb / 20P
60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
5-MHz, 15-V/us high slew-rate, RRIO op amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com