Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1360 Datasheet (PDF) - Linear Technology

LT1360 Datasheet PDF - Linear Technology
Part # LT1360
Download  LT1360 Download
File Size   263.46 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 50MHz, 800V/us Op Amp

LT1360 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1360 Datasheet PDF - Linear Technology

Part # LT1360
Download  LT1360 Click to download

File Size   263.46 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 50MHz, 800V/us Op Amp

LT1360 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1360

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1360 LINER-LT1360 Datasheet
229Kb / 16P
50MHz, 800V/s Op Amp
LT1360 LINER-LT1360 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
logo
Analog Devices
LT1360 AD-LT1360 Datasheet
626Kb / 18P
High Temperature 1.0A, 35MHz Current Feedback Amplifier
1210X TA01
LT1360 AD-LT1360 Datasheet
1Mb / 20P
1.1A, 35MHz Current Feedback Amplifier
Rev. C
LT1360 AD-LT1360 Datasheet
216Kb / 8P
1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
More results


Similar Description - LT1360

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
60 MHz, 2000 V/us Monolithic Op Amp
REV.C
AD846 AD-AD846 Datasheet
513Kb / 12P
450 V/us, Precision, Current-Feedback Op Amp
REV.C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
12MHz, 400V/us Op Amp
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
25MHz, 600V/us Op Amp
LT1361 LINER-LT1361 Datasheet
220Kb / 12P
Dual and Quad 50MHz, 800V/us Op Amps
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
70MHz, 1000V/us Op Amp
logo
Analog Devices
AD844 AD-AD844_07 Datasheet
250Kb / 16P
60 MHz, 2000 V/us Monolithic Op Amp
REV. D
logo
Linear Technology
LT1360 LINER-LT1360_15 Datasheet
229Kb / 16P
50MHz, 800V/s Op Amp
LT1361 LINER-LT1361_15 Datasheet
235Kb / 12P
Dual and Quad 50MHz, 800V/ms Op Amps
LT1362 LINER-LT1362_15 Datasheet
235Kb / 12P
Dual and Quad 50MHz, 800V/s Op Amps
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com