Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1360 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1360
Description  50MHz, 800V/us Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1360 Datasheet(HTML) 3 Page - Linear Technology

  LT1360 Datasheet HTML 1Page - Linear Technology LT1360 Datasheet HTML 2Page - Linear Technology LT1360 Datasheet HTML 3Page - Linear Technology LT1360 Datasheet HTML 4Page - Linear Technology LT1360 Datasheet HTML 5Page - Linear Technology LT1360 Datasheet HTML 6Page - Linear Technology LT1360 Datasheet HTML 7Page - Linear Technology LT1360 Datasheet HTML 8Page - Linear Technology LT1360 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1360
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
TA = 25°C, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL = 1k
±15V
4.5
9.0
V/mV
VOUT = ±10V, RL = 500Ω±15V
3.0
6.5
V/mV
VOUT = ±2.5V, RL = 500Ω±5V
3.0
6.4
V/mV
VOUT = ±2.5V, RL = 150Ω±5V
1.5
4.2
V/mV
VOUT = ±1V, RL = 500Ω±2.5V
2.5
5.2
V/mV
VOUT
Output Swing
RL = 1k, VIN = ±40mV
±15V
13.5
13.9
±V
RL = 500Ω, VIN = ±40mV
±15V
13.0
13.6
±V
RL = 500Ω, VIN = ±40mV
±5V
3.5
4.0
±V
RL = 150Ω, VIN = ±40mV
±5V
3.2
3.8
±V
RL = 500Ω, VIN = ±40mV
±2.5V
1.3
1.7
±V
IOUT
Output Current
VOUT = ±13V
±15V
26
34
mA
VOUT = ±3.2V
±5V
21
29
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±3V
±15V
40
54
mA
SR
Slew Rate
AV = –2, (Note 5)
±15V
600
800
V/
µs
±5V
250
350
V/
µs
Full Power Bandwidth
10V Peak, (Note 6)
±15V
12.7
MHz
3V Peak, (Note 6)
±5V
18.6
MHz
GBW
Gain Bandwidth
f = 1MHz
±15V
50
MHz
±5V
37
MHz
±2.5V
32
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10%-90%, 0.1V
±15V
3.1
ns
±5V
4.3
ns
Overshoot
AV = 1, 0.1V
±15V
35
%
±5V
27
%
Propagation Delay
50% VIN to 50% VOUT, 0.1V
±15V
5.2
ns
±5V
6.4
ns
ts
Settling Time
10V Step, 0.1%, AV = –1
±15V
60
ns
10V Step, 0.01%, AV = –1
±15V
90
ns
5V Step, 0.1%, AV = –1
±5V
65
ns
Differential Gain
f = 3.58MHz, AV = 2, RL = 150Ω±15V
0.20
%
±5V
0.20
%
f = 3.58MHz, AV = 2, RL = 1k
±15V
0.04
%
±5V
0.02
%
Differential Phase
f = 3.58MHz, AV = 2, RL = 150Ω±15V
0.40
Deg
±5V
0.30
Deg
f = 3.58MHz, AV = 2, RL = 1k
±15V
0.07
Deg
±5V
0.26
Deg
RO
Output Resistance
AV = 1, f = 1MHz
±15V
1.4
Ω
IS
Supply Current
±15V
4.0
5.0
mA
±5V
3.8
4.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com