Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1360 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1360
Description  50MHz, 800V/us Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1360 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1360 Datasheet HTML 3Page - Linear Technology LT1360 Datasheet HTML 4Page - Linear Technology LT1360 Datasheet HTML 5Page - Linear Technology LT1360 Datasheet HTML 6Page - Linear Technology LT1360 Datasheet HTML 7Page - Linear Technology LT1360 Datasheet HTML 8Page - Linear Technology LT1360 Datasheet HTML 9Page - Linear Technology LT1360 Datasheet HTML 10Page - Linear Technology LT1360 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1360
TYPICAL PERFORMANCE CHARACTERISTICS
Output Short-Circuit Current vs
Temperature
Gain Bandwidth and Phase
Margin vs Temperature
TEMPERATURE (
°C)
35
40
70
65
60
50
45
55
– 50
–25
25
100
125
50
75
0
1360 G10
VS = ±5V
SOURCE
SINK
TEMPERATURE (
°C)
30
40
80
70
50
60
0
5
10
50
45
35
40
20
25
15
30
– 50
–25
25
100
125
50
75
0
1360 G16
PHASE MARGIN
VS = ±5V
GAIN BANDWIDTH
VS = ±5V
PHASE MARGIN
VS = ±15V
GAIN BANDWIDTH
VS = ±15V
Output Impedance vs
Frequency
Gain and Phase vs Frequency
FREQUENCY (Hz)
10k
–10
0
70
100k
100M
1360 G14
1M
30
40
10
20
10M
50
60
120
40
60
0
20
80
100
VS = ±15V
VS = ±5V
VS = ±5V
GAIN
VS = ±15V
PHASE
TA = 25°C
AV = –1
RF = RG = 1k
Gain Bandwidth and Phase
Margin vs Supply Voltage
SUPPLY VOLTAGE (
±V)
30
50
40
80
70
60
30
38
34
50
48
44
40
36
32
46
42
10
5
015
20
1360 G15
TA = 25°C
PHASE MARGIN
GAIN BANDWIDTH
Settling Time vs Output Step
(Inverting)
SETTLING TIME (ns)
–10
–6
–4
–8
10
8
6
4
–2
2
0
0
40
80
100
60
20
1360 G13
VS = ±15V
AV = –1
RF = 1k
CF = 3pF
10mV
10mV
1mV
1mV
FREQUENCY (Hz)
10k
0.01
0.1
100
100k
100M
1360 G11
1M
1
10M
10
AV = 100
AV = 10
AV = 1
VS = ±15V
TA = 25°C
SETTLING TIME (ns)
–10
–6
–4
–8
10
8
6
4
–2
2
0
0
40
80
100
60
20
1360 G12
VS = ±15V
AV = 1
RL = 1k
10mV
10mV
1mV
1mV
Settling Time vs Output Step
(Noninverting)
Frequency Response vs
Supply Voltage (AV = –1)
FREQUENCY (Hz)
100k
–5
–3
–4
5
1M
100M
1360 G18
1
–1
10M
3
–2
2
0
4
±5V
±15V
±2.5V
TA = 25°C
AV = –1
RF = RG = 1k
Frequency Response vs
Supply Voltage (AV = 1)
FREQUENCY (Hz)
100k
–5
–3
–4
5
1M
100M
1360 G17
1
–1
10M
3
–2
2
0
4
±5V
±15V
±2.5V
TA = 25°C
AV = 1
RL = 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com