Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1360 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1360
Description  50MHz, 800V/us Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1360 Datasheet(HTML) 1 Page - Linear Technology

  LT1360 Datasheet HTML 1Page - Linear Technology LT1360 Datasheet HTML 2Page - Linear Technology LT1360 Datasheet HTML 3Page - Linear Technology LT1360 Datasheet HTML 4Page - Linear Technology LT1360 Datasheet HTML 5Page - Linear Technology LT1360 Datasheet HTML 6Page - Linear Technology LT1360 Datasheet HTML 7Page - Linear Technology LT1360 Datasheet HTML 8Page - Linear Technology LT1360 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1360
50MHz, 800V/
µs Op Amp
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Video and RF Amplification
s
Cable Drivers
s
Data Acquisition Systems
s
50MHz Gain Bandwidth
s
800V/
µs Slew Rate
s
5mA Maximum Supply Current
s
9nV/
√Hz Input Noise Voltage
s
Unity-Gain Stable
s
C-Load
TM Op Amp Drives All Capacitive Loads
s
1mV Maximum Input Offset Voltage
s
1
µA Maximum Input Bias Current
s
250nA Maximum Input Offset Current
s
±13V Minimum Output Swing into 500Ω
s
±3.2V Minimum Output Swing into 150Ω
s
4.5V/mV Minimum DC Gain, RL=1k
s
60ns Settling Time to 0.1%, 10V Step
s
0.2% Differential Gain, AV=2, RL=150Ω
s
0.3
° Differential Phase, AV=2, RL=150Ω
s
Specified at
±2.5V, ±5V, and ±15V
The LT1360 is a high speed, very high slew rate opera-
tional amplifier with excellent DC performance. The LT1360
features reduced supply current, lower input offset volt-
age, lower input bias current and higher DC gain than
devices with comparable bandwidth. The circuit topology
is a voltage feedback amplifier with the slewing character-
istics of a current feedback amplifier. The amplifier is a
single gain stage with outstanding settling characteristics
which makes the circuit an ideal choice for data acquisition
systems. The output drives a 500
Ωloadto±13Vwith±15V
supplies and a 150
Ω load to ±3.2V on ±5V supplies. The
amplifier is also capable of driving any capacitive load
which makes it useful in buffer or cable driver applications.
The LT1360 is a member of a family of fast, high
performance amplifiers using this unique topology and
employing Linear Technology Corporation’s advanced
bipolar complementary processing. For dual and quad
amplifier versions of the LT1360 see the LT1361/LT1362
data sheet. For 70MHz amplifiers with 6mA of supply
current per amplifier see the LT1363 and LT1364/LT1365
data sheets. For lower supply current amplifiers with
bandwidths of 12MHz and 25MHz see the LT1354
through LT1359 data sheets. Singles, duals and quads of
each amplifier are available.
Two Op Amp Instrumentation Amplifier
1360 TA01
VIN
TRIM R5 FOR GAIN
TRIM R1 FOR COMMON-MODE REJECTION
BW = 500kHz
R1
10k
R2
1k
R5
220
Ω
R4
10k
R3
1k
VOUT
+
–
–
+
–
+
LT1360
LT1360
GAIN
R
R
R
R
R
R
RR
R
=
+
+
 +
+
()
=
4
3
1
1
2
2
1
3
4
23
5
102
AV = –1 Large-Signal Response
1360 TA02
C-Load is a trademark of Linear Technology Corporation.
APPLICATIO S
TYPICAL APPLICATIO
FEATURES
DESCRIPTIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1360

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1360 LINER-LT1360 Datasheet
229Kb / 16P
50MHz, 800V/s Op Amp
LT1360 LINER-LT1360 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
logo
Analog Devices
LT1360 AD-LT1360 Datasheet
626Kb / 18P
High Temperature 1.0A, 35MHz Current Feedback Amplifier
1210X TA01
LT1360 AD-LT1360 Datasheet
1Mb / 20P
1.1A, 35MHz Current Feedback Amplifier
Rev. C
LT1360 AD-LT1360 Datasheet
216Kb / 8P
1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
More results

Similar Description - LT1360

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
60 MHz, 2000 V/us Monolithic Op Amp
REV.C
AD846 AD-AD846 Datasheet
513Kb / 12P
450 V/us, Precision, Current-Feedback Op Amp
REV.C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
12MHz, 400V/us Op Amp
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
25MHz, 600V/us Op Amp
LT1361 LINER-LT1361 Datasheet
220Kb / 12P
Dual and Quad 50MHz, 800V/us Op Amps
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
70MHz, 1000V/us Op Amp
logo
Analog Devices
AD844 AD-AD844_07 Datasheet
250Kb / 16P
60 MHz, 2000 V/us Monolithic Op Amp
REV. D
logo
Linear Technology
LT1360 LINER-LT1360_15 Datasheet
229Kb / 16P
50MHz, 800V/s Op Amp
LT1361 LINER-LT1361_15 Datasheet
235Kb / 12P
Dual and Quad 50MHz, 800V/ms Op Amps
LT1362 LINER-LT1362_15 Datasheet
235Kb / 12P
Dual and Quad 50MHz, 800V/s Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com