Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1360 Datasheet (PDF) - Analog Devices

LT1360 Datasheet PDF - Analog Devices
Part # LT1360
Download  LT1360 Download
File Size   216.05 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter

LT1360 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1360 Datasheet PDF - Analog Devices

Part # LT1360
Download  LT1360 Click to download

File Size   216.05 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter

LT1360 Datasheet (HTML) - Analog Devices


LT1360 Product details

FEATURES
n 5th Order, 1MHz Elliptic Filter in SO-8 Package
n Pin Selectable 1MHz/500kHz Cutoff Frequency
n Signal-to-Noise Ratio (SNR): 75dB
n Signal-to-Noise Ratio with – 63dB THD: 69dB
n Passband Ripple (fCUTOFF = 1MHz): ±0.3dB
n Stopband Attenuation Better Than 60dB
n No External Components Required




Similar Part No. - LT1360

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
50MHz, 800V/us Op Amp
LT1360 LINER-LT1360 Datasheet
229Kb / 16P
50MHz, 800V/s Op Amp
LT1360 LINER-LT1360 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
logo
Analog Devices
LT1360 AD-LT1360 Datasheet
626Kb / 18P
High Temperature 1.0A, 35MHz Current Feedback Amplifier
1210X TA01
LT1360 AD-LT1360 Datasheet
1Mb / 20P
1.1A, 35MHz Current Feedback Amplifier
Rev. C
More results


Similar Description - LT1360

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1560-1 LINER-LTC1560-1 Datasheet
274Kb / 8P
1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1565-31 LINER-LTC1565-31 Datasheet
136Kb / 8P
650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1566-1 LINER-LTC1566-1 Datasheet
194Kb / 8P
Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1565-31 LINER-LTC1565-31_1 Datasheet
197Kb / 12P
650kHz Continuous Time, Linear Phase Lowpass Filter
LTC1560-1 LINER-LTC1560-1_15 Datasheet
220Kb / 8P
1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter
LTC1566-1 LINER-LTC1566-1_15 Datasheet
140Kb / 8P
Low Noise 2.3MHz Continuous Time Lowpass Filter
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1565-31 LINER-LTC1565-31_15 Datasheet
188Kb / 12P
650kHz Continuous Time, Linear Phase Lowpass Filter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com