Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1361 Datasheet (PDF) - Linear Technology

LT1361 Datasheet PDF - Linear Technology
Part # LT1361_15
Download  LT1361 Download
File Size   235.68 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual and Quad 50MHz, 800V/ms Op Amps

LT1361 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1361 Datasheet PDF - Linear Technology

Part # LT1361_15
Download  LT1361 Click to download

File Size   235.68 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual and Quad 50MHz, 800V/ms Op Amps

LT1361 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1361_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1361CN8 LINER-LT1361CN8 Datasheet
220Kb / 12P
Dual and Quad 50MHz, 800V/us Op Amps
LT1361CS8 LINER-LT1361CS8 Datasheet
220Kb / 12P
Dual and Quad 50MHz, 800V/us Op Amps
More results


Similar Description - LT1361_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1358 LINER-LT1358 Datasheet
259Kb / 12P
Dual and Quad 25MHz, 600V/us Op Amps
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
50MHz, 800V/us Op Amp
LT1361 LINER-LT1361 Datasheet
220Kb / 12P
Dual and Quad 50MHz, 800V/us Op Amps
logo
Maxim Integrated Produc...
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
Dual/Quad Precision Op Amps
logo
Linear Integrated Syste...
LT1213 LINEAR-LT1213_1 Datasheet
391Kb / 20P
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
logo
Linear Technology
LT1803 LINER-LT1803 Datasheet
401Kb / 20P
Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT1360 LINER-LT1360_15 Datasheet
229Kb / 16P
50MHz, 800V/s Op Amp
LT1208 LINER-LT1208_15 Datasheet
276Kb / 12P
Dual and Quad 45MHz, 400V/s Op Amps
LT1362 LINER-LT1362_15 Datasheet
235Kb / 12P
Dual and Quad 50MHz, 800V/s Op Amps
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com