Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44241 Datasheet (PDF) - Maxim Integrated Products

MAX44241 Datasheet PDF - Maxim Integrated Products
Part # MAX44241
Download  MAX44241 Download
File Size   961.69 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Quad/Dual Op Amps

MAX44241 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX44241 Datasheet PDF - Maxim Integrated Products

Part # MAX44241
Download  MAX44241 Click to download

File Size   961.69 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Quad/Dual Op Amps

MAX44241 Datasheet (HTML) - Maxim Integrated Products


MAX44241 Product details

General Description

The MAX44241/MAX44243/MAX44246 are 36V, ultra precision, low-noise, low-drift, single/quad/dual operational amplifiers that offer near-zero DC offset and drift

through the use of patented chopper stabilized and auto-zeroing techniques. This method constantly measures and compensates the input offset, eliminating drift over time and temperature and the effect of 1/f noise. These single/quad/dual devices feature rail-to-rail outputs, operate from a single 2.7V to 36V supply or dual ±1.35V to ±18V supplies, and consume only 0.42mA per channel, with only 9nV/√Hz input-referred voltage noise.

The ICs are unity-gain stable with a gain-bandwidth product of 5MHz. With excellent specifications such as offset voltage of 5FV (max), drift of 20nV/NC (max), and 117nVP-Pnoise in 0.1Hz to 10Hz, these ICs are ideally suited for applications requiring ultra-low noise, and DC precision such as interfacing with pressure sensors, strain gauges, precision weight scales, and medical instrumentation. The ICs are available in 8-pin FMAXMor SO packages and are rated over the -40NC to +125NC temperature range.



Features

♦ 2.7V to 36V Power-Supply Range

♦ Ultra-Low Input VOS: 5µV (max)

♦ Low 20nV/°C (max) of Offset Drift

♦ Low 9nV/√Hznoise at 1kHz

♦ 1µs Fast Settling Time

♦ 5MHz Gain-Bandwidth Product

♦ Rail-to-Rail Output

♦ Integrated EMI Filter

♦ Low 0.55mA Per Channel (max) Quiescent Current

♦ 8-Pin µMAX/SO Package




Similar Part No. - MAX44241

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44241AUA+ MAXIM-MAX44241AUA+ Datasheet
875Kb / 13P
36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX44241AUK+ MAXIM-MAX44241AUK+ Datasheet
875Kb / 13P
36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
More results


Similar Description - MAX44241

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
Dual/Quad Precision Op Amps
logo
Intersil Corporation
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
logo
Linear Technology
LT6205 LINER-LT6205_1 Datasheet
261Kb / 18P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
logo
Linear Technology
LT6205 LINER-LT6205_15 Datasheet
266Kb / 18P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com