Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2250 Datasheet (PDF) - Renesas Technology Corp

EL2250 Datasheet PDF - Renesas Technology Corp
Part # EL2250
Download  EL2250 Download
File Size   952.91 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 125MHz Single Supply Dual/Quad Op Amps

EL2250 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2250 Datasheet PDF - Renesas Technology Corp

Part # EL2250
Download  EL2250 Click to download

File Size   952.91 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 125MHz Single Supply Dual/Quad Op Amps

EL2250 Datasheet (HTML) - Renesas Technology Corp


EL2250 Product details

The EL2250/EL2450 are part of a family of the electronics industry’s fastest single supply op amps available. Prior single supply op amps have generally been limited to bandwidths and slew rates to that of the EL2250/EL2450. The 125MHz bandwidth, 275V/µs slew rate, and 0.05%/0.05° differential gain/differential phase makes this part ideal for single or dual supply video speed applications.

Features
• Specified for +3V, +5V, or ±5V applications
• Large input common mode range 0V < VCM < VS -1.2V
• Output swings to ground without saturating
• -3dB bandwidth = 125MHz
• ±0.1dB bandwidth = 30MHz
• Low supply current = 5mA (per amplifier)
• Slew rate = 275V/µs
• Low offset voltage = 4mV max
• Output current = ±100mA
• High open loop gain = 80dB
• Differential gain = 0.05%
• Differential phase = 0.05°
• Pb-free plus anneal available (RoHS compliant)

Applications
• Video amplifiers
• PCMCIA applications
• A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB printers, FAX, scanners
• Broadcast equipment
• Active filtering




Similar Part No. - EL2250

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2250 INTERSIL-EL2250 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
125MHz Single Supply Dual/Quad Op Amps
EL2250CN ELANTEC-EL2250CN Datasheet
595Kb / 17P
125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2250CN INTERSIL-EL2250CN Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
EL2250CN INTERSIL-EL2250CN Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
More results


Similar Description - EL2250

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
125MHz Single Supply Dual/Quad Op Amps
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
125MHz Single Supply, Clamping Op Amps
March 12, 2004
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
Single/Quad/Dual Op Amps
Rev 5; 1/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com