Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX473 Datasheet (PDF) - Maxim Integrated Products

MAX473 Datasheet PDF - Maxim Integrated Products
Part # MAX473
Download  MAX473 Download
File Size   144.36 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, 10MHz Single-Supply Op Amps

MAX473 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX473 Datasheet PDF - Maxim Integrated Products

Part # MAX473
Download  MAX473 Click to download

File Size   144.36 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, 10MHz Single-Supply Op Amps

MAX473 Datasheet (HTML) - Maxim Integrated Products


MAX473 Product details

General Description

The single MAX473, dual MAX474, and quad MAX475 are single-supply (2.7V to 5.25V), unity-gain-stable op

amps with rail-to-rail output swing. Each op amp guarantees a 10MHz unity-gain bandwidth, 15V/µs slew rate, and 600Ωdrive capability while typically consum ing only 2mA supply current. In addition, the input range includes the negative supply rail and the output swings to within 50mV of each supply rail.



Features

♦15V/µs Min Slew Rate

♦+3V Single-Supply Operation

♦Guaranteed 10MHz Unity-Gain Bandwidth

♦2mA Supply Current per Amplifier

♦Input Range Includes Negative Rail

♦Outputs Short-Circuit Protected

♦Rail-to-Rail Output Swing (to within ±50mV)

♦µMAX Package (the smallest 8-pin SO)



Applications

Portable Equipment

Battery-Powered Instruments

Signal Processing

Discrete Filters

Signal Conditioning

Servo-Loops




Similar Part No. - MAX473

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4730 MAXIM-MAX4730 Datasheet
212Kb / 9P
Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
MAX4730ELT+T MAXIM-MAX4730ELT+T Datasheet
217Kb / 9P
Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4730ELT-T MAXIM-MAX4730ELT-T Datasheet
212Kb / 9P
Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
MAX4730EXT+T MAXIM-MAX4730EXT+T Datasheet
217Kb / 9P
Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4730EXT-T MAXIM-MAX4730EXT-T Datasheet
212Kb / 9P
Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Rev 0; 5/04
More results


Similar Description - MAX473

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
logo
Linear Technology
LT6205 LINER-LT6205 Datasheet
430Kb / 16P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
logo
Linear Technology
LT6205 LINER-LT6205_1 Datasheet
261Kb / 18P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT6207 LINER-LT6207_15 Datasheet
266Kb / 18P
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com