Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4927 Datasheet (PDF) - Maxim Integrated Products

MAX4927 Datasheet PDF - Maxim Integrated Products
Part # MAX4927
Download  MAX4927 Download
File Size   189.04 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1000 Base-T, 짹15kV ESD Protection LAN Switch

MAX4927 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4927 Datasheet PDF - Maxim Integrated Products

Part # MAX4927
Download  MAX4927 Click to download

File Size   189.04 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1000 Base-T, 짹15kV ESD Protection LAN Switch

MAX4927 Datasheet (HTML) - Maxim Integrated Products


MAX4927 Product details

General Description
The MAX4927 meets the needs of high-speed differential switching, including that of Gigabit Ethernet (10/100/1000) Base-T switching as well as LVDS and LVPECL switching. The MAX4927 provides enhanced ESD protection up to ±15kV and excellent high-frequency response, making the device especially useful for interfaces that must go to an outside connection.

Features
♦ ESD Protection
   ±15kV–IEC 61000-4-2 Air-Gap Discharge
   ±8kV–IEC 61000-4-2 Contact Discharge
   ±15kV–Human Body Model
♦ Single +3.0V to +3.6V Power-Supply Voltage
♦ Low 4Ω (typ), 6.5Ω (max) On-Resistance (RON)
♦ Ultra-Low 8pF (typ) On-Capacitance (CON)
♦ -23dB Return Loss (100MHz)
♦ -3dB Bandwidth: 650MHz
♦ Optimized Pin Out for Easy Transformer and PHY
   Interface
♦ Built-In LED Switches for Switching Indicators to
   Docking Station
♦ Low 450µA (max) Quiescent Current
♦ Bidirectional 8 to 16 Multiplexer/Demultiplexer
♦ Standard Pin Out, Matching the PI3L500-A and
   STMUX1000L
♦ Space-Saving Lead-Free Package
   56-Pin, 5mm x 11mm, TQFN Package

Applications
   Notebooks and Docking Stations
   Servers and Routers with Ethernet Interfaces
   Board-Level Redundancy Protection
   SONET/SDH Signal Routing
   T3/E3 Redundancy Protection
   LVDS and LVPECL Switching




Similar Part No. - MAX4927

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4920B MAXIM-MAX4920B Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4920BETD+T MAXIM-MAX4920BETD+T Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4921B MAXIM-MAX4921B Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
MAX4921BETD+T MAXIM-MAX4921BETD+T Datasheet
317Kb / 19P
Battery Power-Up Logic with Overvoltage and Overcurrent Protection
19-0614; Rev 0; 8/06
More results


Similar Description - MAX4927

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890 Datasheet
280Kb / 18P
10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
logo
Filtran LTD
6687 FILTRAN-6687 Datasheet
120Kb / 1P
LAN 1000 Base-T Magnetic Modules
logo
Maxim Integrated Produc...
MAX4890E MAXIM-MAX4890E Datasheet
1Mb / 13P
1000 Base-T, ±15kV ESD Protection LAN Switches
Rev 0; 8/06
MAX4890 MAXIM-MAX4890_07 Datasheet
175Kb / 17P
10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
logo
Bothhand USA, LP.
NS0068C BOTHHAND-NS0068C Datasheet
263Kb / 1P
10/100/1000 BASE-T LAN MAGNETICS
NS0068D BOTHHAND-NS0068D Datasheet
267Kb / 1P
10/100/1000 BASE-T LAN MAGNETICS
NS0068LF BOTHHAND-NS0068LF Datasheet
274Kb / 1P
10/100/1000 BASE-T LAN MAGNETICS
NS0068 BOTHHAND-NS0068 Datasheet
276Kb / 1P
10/100/1000 BASE-T LAN MAGNETICS
logo
Maxim Integrated Produc...
MAX14979E MAXIM-MAX14979E Datasheet
1Mb / 10P
High-Bandwidth,짹15kV ESD Protection LVDS Switch
Rev 0; 4/10
logo
Wurth Elektronik GmbH &...
74991114410 WURTH-74991114410 Datasheet
432Kb / 6P
WE-RJ45 LAN Transformer 1000 Base-T
001.000
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com