Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4960 Datasheet (PDF) - Maxim Integrated Products

MAX4960 Datasheet PDF - Maxim Integrated Products
Part # MAX4960
Download  MAX4960 Download
File Size   335.87 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage OVP with Battery Switchover

MAX4960 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4960 Datasheet PDF - Maxim Integrated Products

Part # MAX4960
Download  MAX4960 Click to download

File Size   335.87 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage OVP with Battery Switchover

MAX4960 Datasheet (HTML) - Maxim Integrated Products


MAX4960 Product details

General Description

The MAX4959/MAX4960 overvoltage protection controllers protect low-voltage systems against high-voltage faults of up to +28V. When the input voltage exceeds the overvoltage lockout (OVLO) threshold, these devices turn off an external pFET to prevent damage to the protected components. The undervoltage lockout (UVLO) threshold holds the external pFET off until the input voltage rises to the correct level. An additional safety feature latches off the pFET when an incorrect low-power adapter is plugged in.



Features

♦ Overvoltage Protection Up to +28V

♦ ± 2.5% Accurate Externally Adjustable OVLO/UVLO Thresholds

♦ Battery Switchover pFET Control

♦ Protection Against Incorrect Power Adapter

♦ Low (100µA Typ) Supply Current

♦ 25ms Input Debounce Timer

♦ 25ms Blanking Time

♦ 10-Pin (2mm x 2mm) µDFN and 10-Pin µMAX Packages



Applications

Notebooks

Laptops

Camcorders

Ultra-Mobile PCs



 




Similar Part No. - MAX4960

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX496 MAXIM-MAX496 Datasheet
219Kb / 12P
375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
Rev 1; 12/98
MAX496-MAX497 MAXIM-MAX496-MAX497 Datasheet
219Kb / 12P
375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
Rev 1; 12/98
MAX4968 MAXIM-MAX4968 Datasheet
1Mb / 17P
16-Channel, Linear, High-Voltage Analog Switches
Rev 2; 1/12
MAX4968A MAXIM-MAX4968A Datasheet
1Mb / 17P
16-Channel, Linear, High-Voltage Analog Switches
Rev 2; 1/12
MAX4968AECM+ MAXIM-MAX4968AECM+ Datasheet
1Mb / 17P
16-Channel, Linear, High-Voltage Analog Switches
Rev 2; 1/12
More results


Similar Description - MAX4960

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
3V Supervisor with Battery Switchover
31-Oct-2003
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
Security Supervisor with Battery Switchover
Jan-2006
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
Serial SPI bus RTC with battery switchover
07-Aug-2006
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
Serial SPI bus RTC with battery switchover
22-Oct-2007
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
5V Supervisor with Battery Switchover
Jan-2006
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
5 V supervisor with battery switchover
18-Aug-2010
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com