Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX496 Datasheet (PDF) - Maxim Integrated Products

MAX496 Datasheet PDF - Maxim Integrated Products
Part # MAX496
Download  MAX496 Download
File Size   219.07 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2

MAX496 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX496 Datasheet PDF - Maxim Integrated Products

Part # MAX496
Download  MAX496 Click to download

File Size   219.07 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2

MAX496 Datasheet (HTML) - Maxim Integrated Products


MAX496 Product details

General Description
The MAX496 and MAX497 are quad, closed-loop, ±5V video buffers that feature extremely high bandwidth and slew rate for both component video (RGB or YUV) and composite video (NTSC, PAL, SECAM). The MAX496 is a unity-gain (0dB) buffer with a 375MHz -3dB bandwidth and a 1600V/µs slew rate. The MAX497 gain of +2 (6dB) buffer, optimized for driving back-terminated coaxial cable, features a 275MHz -3dB bandwidth and a 1500V/µs slew rate. The MAX496/MAX497 are not slewrate limited, thus providing a high full-power bandwidth of 230MHz and 215MHz, respectively.

Features
♦ MAX496 Fixed Gain: +1V/V
    MAX497 Fixed Gain: +2V/V
♦ High Speed:
    Small-Signal -3dB Bandwidth: 375MHz (MAX496) 275MHz (MAX497)
    Full-Power -3dB Bandwidth: 230MHz (MAX496) 215MHz (MAX497)
♦ 0.1dB Gain Flatness: 65MHz (MAX496) 120MHz (MAX497)
♦ 1600V/µs Slew Rate (MAX496) 1500V/µs Slew Rate (MAX497)
♦ Fast Settling Time: 12ns to 0.1%
♦ Lowest Differential Phase/Gain Error: 0.01°/0.01%
♦ 2pF Input Capacitance
♦ 5.6nV/√Hz Input-Referred Voltage Noise
♦ Low Distortion: 64dBc (f = 10MHz)
♦ Directly Drives 50Ω or 75Ω Back-Terminated Cables
♦ High ESD Protection: 5000V
♦ Output Short-Circuit Protected

Applications
    Computer Workstations
    Surveillance Video
    Broadcast and High-Definition TV Systems
    Multimedia Products
    Medical Imaging
    High-Speed Signal Processing
    Video Switching and Routing




Similar Part No. - MAX496

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4960 MAXIM-MAX4960 Datasheet
335Kb / 17P
High-Voltage OVP with Battery Switchover
Rev 0; 7/07
MAX4960ELB+ MAXIM-MAX4960ELB+ Datasheet
335Kb / 17P
High-Voltage OVP with Battery Switchover
Rev 0; 7/07
MAX4960EUB+ MAXIM-MAX4960EUB+ Datasheet
335Kb / 17P
High-Voltage OVP with Battery Switchover
Rev 0; 7/07
MAX4968 MAXIM-MAX4968 Datasheet
1Mb / 17P
16-Channel, Linear, High-Voltage Analog Switches
Rev 2; 1/12
MAX4968A MAXIM-MAX4968A Datasheet
1Mb / 17P
16-Channel, Linear, High-Voltage Analog Switches
Rev 2; 1/12
More results


Similar Description - MAX496

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC115 NSC-CLC115 Datasheet
350Kb / 6P
Quad, Closed-Loop Monolithic Buffer
logo
Analog Devices
AD8074 AD-AD8074 Datasheet
306Kb / 16P
500 MHz, G = -1 and 2 Triple Video Buffers with Disable
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
August 1999
logo
Maxim Integrated Produc...
MAX4178 MAXIM-MAX4178 Datasheet
201Kb / 12P
330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
Rev 1; 5/97
logo
National Semiconductor ...
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
Quad, High-Speed, Closed-Loop Buffer
logo
ON Semiconductor
NCS6433 ONSEMI-NCS6433 Datasheet
144Kb / 9P
Wideband Quad 2:1 Video Switch
August, 2008 ??Rev. 1
logo
Analog Devices
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8074Z-EVAL AD-AD8074Z-EVAL Datasheet
755Kb / 15P
500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com