Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4178 Datasheet (PDF) - Maxim Integrated Products

MAX4178 Datasheet PDF - Maxim Integrated Products
Part # MAX4178
Download  MAX4178 Download
File Size   201.98 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 330MHz, Gain of 1/Gain of @ Closed-Loop Buffers

MAX4178 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4178 Datasheet PDF - Maxim Integrated Products

Part # MAX4178
Download  MAX4178 Click to download

File Size   201.98 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 330MHz, Gain of 1/Gain of @ Closed-Loop Buffers

MAX4178 Datasheet (HTML) - Maxim Integrated Products


MAX4178 Product details

General Description

The MAX4178/MAX4278 are ±5V, wide-bandwidth, fast settling, closed-loop buffers featuring high slew rate, high precision, high output current, low noise, and low differen tial gain and phase errors. The MAX4178, with a -3dB bandwidth of 330MHz, is preset for unity voltage gain (0dB). The MAX4278 is preset for a voltage gain of +2 (6dB) and has a 310MHz -3dB bandwidth.



Features

♦ High Speed:

   330MHz -3dB Bandwidth (MAX4178)

   310MHz -3dB Bandwidth (MAX4278)

   250MHz Full-Power Bandwidth (VOUT = 2Vp-p)

   150MHz 0.1dB Flatness Bandwidth

   1300V/µs Slew Rate (MAX4178)

   1600V/µs Slew Rate (MAX4278)

♦ Low Differential Phase/Gain Error: 0.01°/0.04%

♦ 8mA Supply Current

♦ 1µA Input Bias Current

♦ 0.5mV Input Offset Voltage

♦ 5nV/√Hz Input-Referred Voltage Noise

♦ 2pA/√Hz Input-Referred Current Noise

♦ 1.0% Max Gain Error with 100Ω Load

♦ Short-Circuit Protected

♦ 8000V ESD Protection

♦ Available in Space-Saving SOT23 Package



Applications

  Broadcast and High-Definition TV Systems

  Video Switching and Routing

  High-Speed Cable Drivers

  Communications

  Medical Imaging

  Precision High-Speed DAC/ADC Buffers



 




Similar Part No. - MAX4178

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX417 MAXIM-MAX417 Datasheet
581Kb / 16P
1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MAX417 MAXIM-MAX417 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX417 MAXIM-MAX417 Datasheet
7Mb / 16P
Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
logo
Analog Devices
MAX4172 AD-MAX4172 Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 5 12/20
More results


Similar Description - MAX4178

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
Wideband Variable-Gain Amplifier, Gain of 2
logo
Maxim Integrated Produc...
MAX4214 MAXIM-MAX4214 Datasheet
215Kb / 16P
High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
M.S. Kennedy Corporatio...
MSK450 MSK-MSK450_15 Datasheet
344Kb / 5P
Wide Bandwidth - 65MHz at Gain of -1
logo
Texas Instruments
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com