Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4214 Datasheet (PDF) - Maxim Integrated Products

MAX4214 Datasheet PDF - Maxim Integrated Products
Part # MAX4214
Download  MAX4214 Download
File Size   215.84 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable

MAX4214 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4214 Datasheet PDF - Maxim Integrated Products

Part # MAX4214
Download  MAX4214 Click to download

File Size   215.84 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable

MAX4214 Datasheet (HTML) - Maxim Integrated Products


MAX4214 Product details

General Description
The MAX4214/MAX4215/MAX4217/MAX4219/MAX4222 are precision, closed-loop, gain of +2 (or -1) buffers featuring high slew rates, high output current drive, and low differential gain and phase error. They operate with a single 3.15V to 11V supply or with ±1.575V to ±5.5V dual supplies. The input common-mode voltage range extends 100mV beyond the negative power-supply rail, and the output swings Rail-to-Rail®.

Features
♦ Internal Precision Resistors for Closed-Loop Gains of +2V/V or -1V/V
♦ High Speed
    230MHz -3dB Bandwidth
    90MHz 0.1dB Gain Flatness (MAX4219/MAX4222)
    600V/µs Slew Rate
♦ Single 3.3V/5.0V Operation
♦ Outputs Swing Rail-to-Rail
♦ Input Common-Mode Range Extends Beyond VEE
♦ Low Differential Gain/Phase Error: 0.03%/0.04°
♦ Low Distortion at 5MHz
    -72dBc SFDR
    -71dB Total Harmonic Distortion
♦ High Output Drive: ±120mA
♦ Low 5.5mA Supply Current
♦ 400µA Shutdown Supply Current (MAX4215/MAX4219)
♦ Space-Saving SOT23, µMAX, or QSOP Packages

Applications
    Battery-Powered Instruments
    Video Line Drivers
    Analog-to-Digital Converter Interface
    CCD Imaging Systems
    Video Routing and Switching Systems
    Video Multiplexing Applications




Similar Part No. - MAX4214

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210 MAXIM-MAX4210 Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
logo
Analog Devices
MAX4210 AD-MAX4210 Datasheet
675Kb / 32P
High-Side Power and Current Monitors
Rev 1 5/05
logo
Maxim Integrated Produc...
MAX4210-MAX4211 MAXIM-MAX4210-MAX4211 Datasheet
620Kb / 32P
High-Side Power and Current Monitors
Rev 0; 6/04
MAX4210A MAXIM-MAX4210A Datasheet
309Kb / 4P
MAX4210E Evaluation Kit
Rev 0; 7/04
More results


Similar Description - MAX4214

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Maxim Integrated Produc...
MAX4014 MAXIM-MAX4014 Datasheet
119Kb / 12P
Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23
Rev 0; 10/97
MAX4178 MAXIM-MAX4178 Datasheet
201Kb / 12P
330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
Rev 1; 5/97
logo
Texas Instruments
OPA353 TI-OPA353 Datasheet
220Kb / 13P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX4212 MAXIM-MAX4212 Datasheet
345Kb / 16P
Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Rev 3; 10/03
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA350UA TI1-OPA350UA Datasheet
1Mb / 28P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353NA TI-OPA353NA Datasheet
1Mb / 26P
High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com