Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4014 Datasheet (PDF) - Maxim Integrated Products

MAX4014 Datasheet PDF - Maxim Integrated Products
Part # MAX4014
Download  MAX4014 Download
File Size   119.83 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23

MAX4014 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4014 Datasheet PDF - Maxim Integrated Products

Part # MAX4014
Download  MAX4014 Click to download

File Size   119.83 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23

MAX4014 Datasheet (HTML) - Maxim Integrated Products


MAX4014 Product details

General Description

The MAX4014/MAX4017/MAX4019/MAX4022 are precision, closed-loop, gain of +2 (or -1) buffers featuring high slew rates, high output current drive, and low differential gain and phase errors. These single-supply devices operate from +3.15V to +11V, or from ±1.575V to ±5.5V dual supplies. The input voltage range extends 100mV beyond the negative supply rail and the outputs swing Rail-to-Rail®.



Features

♦ Internal Precision Resistors for Closed-Loop Gains of +2 or -1

♦ High Speed:

   200MHz -3dB Bandwidth

   30MHz 0.1dB Gain Flatness (6MHz min)

   600V/µs Slew Rate

♦ Single 3.3V/5.0V Operation

♦ Outputs Swing Rail-to-Rail

♦ Input Voltage Range Extends Beyond VEE

♦ Low Differential Gain/Phase: 0.04%/0.02°

♦ Low Distortion at 5MHz:

   -78dBc Spurious-Free Dynamic Range

   -75dB Total Harmonic Distortion

♦ High Output Drive: ±120mA

♦ Low, 5.5mA Supply Current

♦ 400µA Shutdown Supply Current

♦ Space-Saving SOT23-5, µMAX, or QSOP Packages



Applications

  Portable/Battery-Powered Instruments

  Video Line Driver

  Analog-to-Digital Converter Interface

  CCD Imaging Systems

  Video Routing and Switching Systems



 




Similar Part No. - MAX4014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40108 MAXIM-MAX40108 Datasheet
404Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT MAXIM-MAX40108EVKIT Datasheet
404Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT# MAXIM-MAX40108EVKIT# Datasheet
404Kb / 7P
Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
logo
Analog Devices
MAX40109 AD-MAX40109 Datasheet
1Mb / 59P
Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
MAX40109EVSYS AD-MAX40109EVSYS Datasheet
1Mb / 18P
MAX40109 Evaluation System
Rev 1; 10/23
More results


Similar Description - MAX4014

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD623 AD-AD623 Datasheet
965Kb / 16P
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV.C
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4214 MAXIM-MAX4214 Datasheet
215Kb / 16P
High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
logo
Analog Devices
AD623AN AD-AD623AN Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD623 AD-AD623_15 Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com