Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR024N Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

LR024N Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # LR024N
Download  LR024N Download
File Size   785.8 Kbytes
Page   5 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Enhancement Mode Power MOSFET

LR024N Datasheet (PDF)

Go To PDF Page Download Datasheet
LR024N Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # LR024N
Download  LR024N Click to download

File Size   785.8 Kbytes
Page   5 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-channel Enhancement Mode Power MOSFET

LR024N Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


LR024N Product details

Features
VDS= 60V, ID= 50A
RDS(ON) < 73mΩ @ VGS = 10V
RDS(ON) < 85 mΩ @ VGS =4.5V

General Features
Advanced Trench Technology
Provide Excellent RDS(ON) and Low Gate
Charge
Lead Free and Green Available




Similar Part No. - LR024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
LR024N IRF-LR024N Datasheet
162Kb / 10P
HEXFET Power MOSFET
LR024N IRF-LR024N Datasheet
304Kb / 10P
HEXFET Power MOSFET
logo
Infineon Technologies A...
LR024N INFINEON-LR024N Datasheet
496Kb / 11P
AUTOMOTIVE GRADE
2015-10-29
logo
International Rectifier
LR024N IRF-LR024N Datasheet
328Kb / 13P
Advanced Planar Technology Low On-Resistance Fully Avalanche Rated
logo
VBsemi Electronics Co.,...
LR024N VBSEMI-LR024N Datasheet
1Mb / 8P
N-Channel 60 V (D-S) MOSFET
More results


Similar Description - LR024N

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com