Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR024N Datasheet (PDF) - International Rectifier

LR024N Datasheet PDF - International Rectifier
Part # LR024N
Download  LR024N Download
File Size   328.44 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Advanced Planar Technology Low On-Resistance Fully Avalanche Rated

LR024N Datasheet (PDF)

Go To PDF Page Download Datasheet
LR024N Datasheet PDF - International Rectifier

Part # LR024N
Download  LR024N Click to download

File Size   328.44 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Advanced Planar Technology Low On-Resistance Fully Avalanche Rated

LR024N Datasheet (HTML) - International Rectifier


LR024N Product details

Description
Specifically designed for Automotive applications, this Cellular design of HEXFET® Power MOSFETs utilizes the latest processing techniques to achieve low on resistance per silicon area. This benefit combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in Automotive and a wide variety of other applications.

Features
● Advanced Planar Technology
● Low On-Resistance
● Logic-Level Gate Drive
● Dynamic dV/dT Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated
● Repetitive Avalanche Allowed up to Tjmax
● Lead-Free, RoHS Compliant
● Automotive Qualified *




Similar Part No. - LR024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
LR024N IRF-LR024N Datasheet
162Kb / 10P
HEXFET Power MOSFET
LR024N IRF-LR024N Datasheet
304Kb / 10P
HEXFET Power MOSFET
logo
Infineon Technologies A...
LR024N INFINEON-LR024N Datasheet
496Kb / 11P
AUTOMOTIVE GRADE
2015-10-29
logo
VBsemi Electronics Co.,...
LR024N VBSEMI-LR024N Datasheet
1Mb / 8P
N-Channel 60 V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
LR024N BYCHIP-LR024N Datasheet
785Kb / 5P
N-channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - LR024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
Advanced Planar Technology Low On-Resistance
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
Advanced Planar Technology, Low On-Resistance
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
Advanced Planar Technology Low On-Resistance
AUIRF7309Q IRF-AUIRF7309Q Datasheet
293Kb / 14P
Advanced Planar Technology Low On-Resistance
AUIRF7379Q IRF-AUIRF7379Q Datasheet
238Kb / 13P
Advanced Planar Technology Low On-Resistance
AUIRF9952Q IRF-AUIRF9952Q Datasheet
264Kb / 13P
Advanced Planar Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
Advanced Planar Technology Low On-Resistance
AUIRF4905 IRF-AUIRF4905 Datasheet
277Kb / 11P
Advanced Planar Technology Low On-Resistance
AUIRFZ46NS IRF-AUIRFZ46NS Datasheet
254Kb / 13P
Advanced Planar Technology Low On-Resistance
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com