Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR024N Datasheet(PDF) 2 Page - International Rectifier

Part # LR024N
Description  Advanced Planar Technology Low On-Resistance Fully Avalanche Rated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LR024N Datasheet(HTML) 2 Page - International Rectifier

  LR024N Datasheet HTML 1Page - International Rectifier LR024N Datasheet HTML 2Page - International Rectifier LR024N Datasheet HTML 3Page - International Rectifier LR024N Datasheet HTML 4Page - International Rectifier LR024N Datasheet HTML 5Page - International Rectifier LR024N Datasheet HTML 6Page - International Rectifier LR024N Datasheet HTML 7Page - International Rectifier LR024N Datasheet HTML 8Page - International Rectifier LR024N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AUIRLR/U024N
2
www.irf.com
S
D
G
 Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11)
‚ VDD = 25V, starting TJ = 25°C, L = 790µH, RG = 25Ω, IAS = 11A. (See Figure 12)
ƒ ISD ≤ 11A, di/dt ≤ 290A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%
… This is applied for I-PAK, LS of D-PAK is measured between lead and center of die contact .
† Uses IRLZ24N data and test conditions.
Notes:
S
D
G
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
∆V(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.061
–––
V/°C
–––
–––
0.065
–––
–––
0.080
–––
–––
0.110
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
gfs
Forward Transconductance
8.3
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
25
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Qg
Total Gate Charge
–––
–––
15
Qgs
Gate-to-Source Charge
–––
–––
3.7
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
8.5
td(on)
Turn-On Delay Time
–––
7.1
–––
tr
Rise Time
–––74–––
td(off)
Turn-Off Delay Time
–––
20
–––
ns
tf
Fall Time
–––29–––
LD
Internal Drain Inductance
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
from package
and center of die contact
Ciss
Input Capacitance
–––
480
–––
Coss
Output Capacitance
–––
130
–––
Crss
Reverse Transfer Capacitance
–––
61
–––
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
(Body Diode)
A
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
60
90
ns
Qrr
Reverse Recovery Charge
–––
130
200
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
RDS(on)
Static Drain-to-Source On-Resistance
VGS = 5.0V, ID = 10A
f
VGS = 4.0V, ID = 9.0A
f
pF
–––
–––
–––
–––
17
72
–––
–––
–––
–––
4.5
7.5
VGS = 5.0V,See Fig 6 and 13 fh
VDD = 28V
ID = 11A
RG = 12
Ω, VGS = 5.0V
TJ = 25°C, IS = 11A, VGS = 0V f
TJ = 25°C, IF = 11A
di/dt = 100A/µs
f
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 10A
f
VDS = VGS, ID = 250µA
VDS = 55V, VGS = 0V
VDS = 44V, VGS = 0V, TJ = 150°C
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VDS = 25V, ID = 11A
ID = 11A
VDS = 44V
Conditions
RD = 2.4
Ω, See Fig.10
Ãfh
VGS = 0V
VDS = 25V
ƒ = 1.0MHz, See Fig.5
h
VGS = 16V
VGS = -16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com