Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR024N Datasheet(PDF) 1 Page - International Rectifier

Part # LR024N
Description  Advanced Planar Technology Low On-Resistance Fully Avalanche Rated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LR024N Datasheet(HTML) 1 Page - International Rectifier

  LR024N Datasheet HTML 1Page - International Rectifier LR024N Datasheet HTML 2Page - International Rectifier LR024N Datasheet HTML 3Page - International Rectifier LR024N Datasheet HTML 4Page - International Rectifier LR024N Datasheet HTML 5Page - International Rectifier LR024N Datasheet HTML 6Page - International Rectifier LR024N Datasheet HTML 7Page - International Rectifier LR024N Datasheet HTML 8Page - International Rectifier LR024N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HEXFET® Power MOSFET
01/18/11
www.irf.com
1
AUIRLR024N
AUIRLU024N
AUTOMOTIVE GRADE
l
Advanced Planar Technology
l
Low On-Resistance
l
Logic-Level Gate Drive
l
Dynamic dV/dT Rating
l
175°C Operating Temperature
l
Fast Switching
l
Fully Avalanche Rated
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free, RoHS Compliant
l
Automotive Qualified *
Specifically designed for Automotive applications, this
Cellular design of HEXFET® Power MOSFETs utilizes
the latest processing techniques to achieve low on-
resistance per silicon area. This benefit combined with
the fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient and
reliable device for use in Automotive and a wide variety of
other applications.
Description
Features
D-Pak
AUIRLR024N
GD
S
Gate
Drain
Source
I-Pak
AUIRLU024N
S
D
G
D
D
S
D
G
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated
in the specifications is not implied.Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability. The thermal resistance and power dissipation ratings are measured under board mounted and still
air conditions. Ambient temperature (TA) is 25°C, unless otherwise specified.
V(BR)DSS
55V
RDS(on) max.
0.065
Ω
ID
17A
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.3
RθJA
Junction-to-Ambient (PCB mount) **
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
-55 to + 175
300 (1.6mm from case )
45
0.3
± 16
5.0
4.5
68
11
Max.
17
12
72
S
D
G
PD- 96348


Similar Part No. - LR024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
LR024N IRF-LR024N Datasheet
162Kb / 10P
HEXFET Power MOSFET
LR024N IRF-LR024N Datasheet
304Kb / 10P
HEXFET Power MOSFET
logo
Infineon Technologies A...
LR024N INFINEON-LR024N Datasheet
496Kb / 11P
AUTOMOTIVE GRADE
2015-10-29
logo
VBsemi Electronics Co.,...
LR024N VBSEMI-LR024N Datasheet
1Mb / 8P
N-Channel 60 V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
LR024N BYCHIP-LR024N Datasheet
785Kb / 5P
N-channel Enhancement Mode Power MOSFET
v1.0
More results

Similar Description - LR024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
Advanced Planar Technology Low On-Resistance
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
Advanced Planar Technology, Low On-Resistance
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
Advanced Planar Technology Low On-Resistance
AUIRF7309Q IRF-AUIRF7309Q Datasheet
293Kb / 14P
Advanced Planar Technology Low On-Resistance
AUIRF7379Q IRF-AUIRF7379Q Datasheet
238Kb / 13P
Advanced Planar Technology Low On-Resistance
AUIRF9952Q IRF-AUIRF9952Q Datasheet
264Kb / 13P
Advanced Planar Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
Advanced Planar Technology Low On-Resistance
AUIRF4905 IRF-AUIRF4905 Datasheet
277Kb / 11P
Advanced Planar Technology Low On-Resistance
AUIRFZ46NS IRF-AUIRFZ46NS Datasheet
254Kb / 13P
Advanced Planar Technology Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com