Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1817097 Datasheet (PDF) - PHOENIX CONTACT

1817097 Datasheet PDF - PHOENIX CONTACT
Part # 1817097
Download  1817097 Download
File Size   577.28 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 7-ST-3,81-LR - PCB connector

1817097 Datasheet (PDF)

Go To PDF Page Download Datasheet
1817097 Datasheet PDF - PHOENIX CONTACT

Part # 1817097
Download  1817097 Click to download

File Size   577.28 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 7-ST-3,81-LR - PCB connector

1817097 Datasheet (HTML) - PHOENIX CONTACT


1817097 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 7,
number of rows: 1, number of positions: 7, number of connections: 7, product range: MC 1,5/..-
ST-LR, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5,
locking: Snap-in locking, mounting: Lock & Release ejector lever, type of packaging: packed in
cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1817097

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
18170 BELDEN-18170 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
logo
PHOENIX CONTACT
1817042 PHOENIX-1817042 Datasheet
132Kb / 9P
Printed-circuit board connector - MC 1,5/ 2-ST-3,81-LR
1817055 PHOENIX-1817055 Datasheet
133Kb / 9P
Printed-circuit board connector - MC 1,5/ 3-ST-3,81-LR
1817068 PHOENIX-1817068 Datasheet
132Kb / 9P
Printed-circuit board connector - MC 1,5/ 4-ST-3,81-LR
1817071 PHOENIX-1817071 Datasheet
494Kb / 11P
MC 1,5/ 5-ST-3,81-LR - PCB connector
More results


Similar Description - 1817097

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803620 PHOENIX-1803620 Datasheet
144Kb / 6P
MC 1,5/ 7-ST-3,81
1817136 PHOENIX-1817136 Datasheet
132Kb / 9P
Printed-circuit board connector - MC 1,5/11-ST-3,81-LR
1849243 PHOENIX-1849243 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/ 7-ST-3,81-LR
Jul 20, 2022
1849272 PHOENIX-1849272 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/10-ST-3,81-LR
Jul 20, 2022
1849311 PHOENIX-1849311 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/14-ST-3,81-LR
Jul 20, 2022
1849201 PHOENIX-1849201 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/ 3-ST-3,81-LR
Jul 20, 2022
1849214 PHOENIX-1849214 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/ 4-ST-3,81-LR
Jul 20, 2022
1849227 PHOENIX-1849227 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/ 5-ST-3,81-LR
Jul 20, 2022
1840337 PHOENIX-1840337 Datasheet
1Mb / 20P
PCB connector - MC 1,5/18-ST-3,81
Jul 21, 2022
1840324 PHOENIX-1840324 Datasheet
1Mb / 20P
MC 1,5/17-ST-3,81 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com