Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9930 Datasheet (PDF) - Maxim Integrated Products

MAX9930 Datasheet PDF - Maxim Integrated Products
Part # MAX9930
Download  MAX9930 Download
File Size   232.46 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector

MAX9930 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9930 Datasheet PDF - Maxim Integrated Products

Part # MAX9930
Download  MAX9930 Click to download

File Size   232.46 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector

MAX9930 Datasheet (HTML) - Maxim Integrated Products


MAX9930 Product details

General Description

The MAX9930–MAX9933 low-cost, low-power logarithmic amplifiers are designed to control RF power amplifiers (PA) and transimpedance amplifiers (TIA), and to detect RF power levels. These devices are designed to operate in the 2MHz to 1.6GHz frequency range.



Features

♦Complete RF-Detecting PA Controllers(MAX9930/MAX9931/MAX9932)

♦Complete RF Detector (MAX9933)

♦Variety of Input Ranges

  MAX9930/MAX9933: -58dBV to -13dBV(-45dBm to 0dBm for 50ΩTermination)

  MAX9931: -48dBV to -3dBV (-35dBm to +10dBm for 50ΩTermination)

  MAX9932: -43dBV to +2dBV (-30dBm to +15dBm for 50ΩTermination)

♦2MHz to 1.6GHz Frequency Range

♦Temperature Stable Linear-in-dB Response

♦Fast Response: 70ns 10dB Step

♦10mA Output Sourcing Capability

♦Low Power: 17mW at 3V (typ)

♦13µA (typ) Shutdown Current

♦Available in a Small 8-Pin µMAX Package



Applications

RSSI for Fiber Modules, GPON-CATV Triplexors

Low-Frequency RF OOK and ASK Applications

Transmitter Power Measurement and Control

TSI for Wireless Terminal Devices

Cellular Handsets (TDMA, CDMA, GPRS, GSM)




Similar Part No. - MAX9930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930 Datasheet
268Kb / 16P
2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9930 MAXIM-MAX9930 Datasheet
138Kb / 6P
On-Board Quasi-Measurement Mode Circuitry
Rev 0; 8/07
MAX9930 MAXIM-MAX9930 Datasheet
1Mb / 16P
2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
MAX9930EUA+T MAXIM-MAX9930EUA+T Datasheet
268Kb / 16P
2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9930EUA+T MAXIM-MAX9930EUA+T Datasheet
1Mb / 16P
2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
More results


Similar Description - MAX9930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
MAX4003 MAXIM-MAX4003 Datasheet
415Kb / 12P
100MHz to 2500MHz, 45dB RF Detector in a UCSP
Rev 1; 3/03
logo
Linear Technology
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930_09 Datasheet
268Kb / 16P
2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
logo
Maxim Integrated Produc...
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com