Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4000 Datasheet (PDF) - Maxim Integrated Products

MAX4000 Datasheet PDF - Maxim Integrated Products
Part # MAX4000
Download  MAX4000 Download
File Size   670.57 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.5GHz 45dB RF-Detecting Controllers

MAX4000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4000 Datasheet PDF - Maxim Integrated Products

Part # MAX4000
Download  MAX4000 Click to download

File Size   670.57 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.5GHz 45dB RF-Detecting Controllers

MAX4000 Datasheet (HTML) - Maxim Integrated Products


MAX4000 Product details

General Description
The MAX4000/MAX4001/MAX4002 low-cost, low-power logarithmic amplifiers are designed to control RF power amplifiers (PA) operating in the 0.1GHz to 2.5GHz frequency range. A typical dynamic range of 45dB makes this family of log amps useful in a variety of wireless applications including cellular handset PA control, transmitter power measurement, and RSSI for terminal devices.

Features
♦ Complete RF-Detecting PA Controllers
♦ Variety of Input Ranges
   MAX4000: -58dBV to -13dBV
   (-45dBm to 0dBm in 50Ω)
   MAX4001: -48dBV to -3dBV
   (-35dBm to +10dBm in 50Ω)
   MAX4002: -43dBV to +2dBV
   (-30dBm to +15dBm in 50Ω)
♦ Frequency Range from 100MHz to 2.5GHz
♦ Temperature Stable Linear-in-dB Response
♦ Fast Response: 70ns 10dB Step
♦ 10mA Output Sourcing Capability
♦ Low Power: 17mW at 3V (typ)
♦ Shutdown Current 30µA (max)
♦ Available in an 8-Bump UCSP and a Small 8-Pin
   µMAX Package

Applications
   Transmitter Power Measurement and Control
   TSSI for Wireless Terminal Devices
   Cellular Handsets (TDMA, CDMA, GPRS, GSM)
   RSSI for Fiber Modules




Similar Part No. - MAX4000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4000 MAXIM-MAX4000 Datasheet
156Kb / 5P
2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
MAX4000 MAXIM-MAX4000 Datasheet
692Kb / 19P
2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX40000 MAXIM-MAX40000 Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
MAX40000 MAXIM-MAX40000 Datasheet
1Mb / 7P
-0.2V to VDD 0.2 Input Voltage Range
Rev 2; 6/17
logo
Analog Devices
MAX40000 AD-MAX40000 Datasheet
1Mb / 21P
1.7V, nanoPower Comparators with Built-In Reference
Rev 6 5/21
More results


Similar Description - MAX4000

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930 Datasheet
232Kb / 15P
2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930_09 Datasheet
268Kb / 16P
2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1_15 Datasheet
197Kb / 16P
RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
logo
Maxim Integrated Produc...
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com