Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD09P06PLG Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

SPD09P06PLG Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # SPD09P06PLG
Download  SPD09P06PLG Download
File Size   950.25 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description P-channel Enhancement Mode Power MOSFET

SPD09P06PLG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPD09P06PLG Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # SPD09P06PLG
Download  SPD09P06PLG Click to download

File Size   950.25 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description P-channel Enhancement Mode Power MOSFET

SPD09P06PLG Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


SPD09P06PLG Product details

Features
VDS= -60V, ID= -30A
RDS(ON) < 55mΩ @ VGS = -10V
RDS(ON) < 65mΩ @ VGS = -4.5V

General Features
● Advanced Trench Technology
● Provide Excellent RDS(ON) and Low Gate
Charge
● Lead Free and Green Available




Similar Part No. - SPD09P06PLG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD09P06PLG INFINEON-SPD09P06PLG Datasheet
1Mb / 9P
SIPMOS Power-Transistor Feature N-Channel Enhancement mode
Rev 2.5 2008-07-29
SPD09P06PLG INFINEON-SPD09P06PLG Datasheet
581Kb / 9P
SIPMOS Power-Transistor
Rev 2.6 2011-10-12
SPD09P06PLG INFINEON-SPD09P06PLG Datasheet
580Kb / 9P
SIPMOS Power-Transistor
Rev 2.6 2011-10-12
More results


Similar Description - SPD09P06PLG

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com