Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS5N15F3 Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

STS5N15F3 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # STS5N15F3
Download  STS5N15F3 Download
File Size   1185.16 Kbytes
Page   5 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-Channel Super Trench Power MOSFET

STS5N15F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STS5N15F3 Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # STS5N15F3
Download  STS5N15F3 Click to download

File Size   1185.16 Kbytes
Page   5 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description N-Channel Super Trench Power MOSFET

STS5N15F3 Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


STS5N15F3 Product details

Features
VDS= 150V, ID= 5.1A
RDS(ON) < 55 mΩ @ VGS = 10V
RDS(ON) < 65 mΩ @ VGS =4.5V

General Features
● Advanced Trench Technology
● Provide Excellent RDS(ON) and Low Gate
Charge
● Lead Free and Green Available




Similar Part No. - STS5N15F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5N15F3 STMICROELECTRONICS-STS5N15F3 Datasheet
573Kb / 12P
N-channel 150 V, 0.045, 5 A, SO-8
23-Aug-2010
logo
VBsemi Electronics Co.,...
STS5N15F3 VBSEMI-STS5N15F3 Datasheet
966Kb / 9P
N-Channel 150 V (D-S) MOSFET
More results


Similar Description - STS5N15F3

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM185N30DF RECTRON-RM185N30DF Datasheet
245Kb / 6P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Foster Semicon...
FIR150N10PG FOSTER-FIR150N10PG Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS20N15K HMSEMI-HMS20N15K Datasheet
500Kb / 7P
N-Channel Super Trench Power MOSFET
HMS4296B HMSEMI-HMS4296B Datasheet
489Kb / 6P
N-Channel Super Trench Power MOSFET
HMS150N06D HMSEMI-HMS150N06D Datasheet
596Kb / 7P
N-Channel Super Trench Power MOSFET
HMS110N15 HMSEMI-HMS110N15 Datasheet
527Kb / 7P
N-Channel Super Trench Power MOSFET
HMS65N03Q HMSEMI-HMS65N03Q Datasheet
524Kb / 5P
N-Channel Super Trench Power MOSFET
HMS80N15 HMSEMI-HMS80N15 Datasheet
615Kb / 6P
N-Channel Super Trench Power MOSFET
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
N-Channel Super Trench Power MOSFET
logo
Shanghai Leiditech Elec...
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com