Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS5N15F3 Datasheet (PDF) - STMicroelectronics

STS5N15F3 Datasheet PDF - STMicroelectronics
Part # STS5N15F3
Download  STS5N15F3 Download
File Size   573.06 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 150 V, 0.045, 5 A, SO-8

STS5N15F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STS5N15F3 Datasheet PDF - STMicroelectronics

Part # STS5N15F3
Download  STS5N15F3 Click to download

File Size   573.06 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 150 V, 0.045, 5 A, SO-8

STS5N15F3 Datasheet (HTML) - STMicroelectronics




Similar Part No. - STS5N15F3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS5N15F3 VBSEMI-STS5N15F3 Datasheet
966Kb / 9P
N-Channel 150 V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
STS5N15F3 BYCHIP-STS5N15F3 Datasheet
1Mb / 5P
N-Channel Super Trench Power MOSFET
v1.0
More results


Similar Description - STS5N15F3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD6601NR2G ONSEMI-NTMD6601NR2G Datasheet
100Kb / 6P
Power MOSFET 80 V, 2.2 A, Dual N-Channel, SO-8
February, 2008 - Rev. 0
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMS4705N ONSEMI-NTMS4705N Datasheet
96Kb / 5P
Power MOSFET 30 V, 12 A, Single N-Channel, SO-8
October, 2007 - Rev. 3
NTMS4807N ONSEMI-NTMS4807N Datasheet
93Kb / 5P
Power MOSFET 30 V, 14.8 A, N-Channel, SO-8
December, 2007 - Rev. 0
NTMS4816N ONSEMI-NTMS4816N Datasheet
94Kb / 5P
Power MOSFET 30 V, 11 A, N-Channel, SO-8
December, 2007 - Rev. 0
logo
STMicroelectronics
STS5N15M3 STMICROELECTRONICS-STS5N15M3 Datasheet
333Kb / 12P
N-channel 150 V, 45 m廓, 5 A, SO-8 ultra low gate charge MDmesh??III Power MOSFET
25-Jun-2008
STS5N15F4 STMICROELECTRONICS-STS5N15F4 Datasheet
716Kb / 11P
N-channel 150 V, 0.057廓, 5 A, SO-8 STripFET??DeepGATE??Power MOSFET
03-Aug-2009
STS5DNF60L STMICROELECTRONICS-STS5DNF60L Datasheet
286Kb / 12P
N-channel 60 V, 0.035, 5 A SO-8 STripFET II Power MOSFET
18-Mar-2010
logo
ON Semiconductor
MMDF1N05E ONSEMI-MMDF1N05E_V01 Datasheet
211Kb / 7P
Power MOSFET 2 A, 50 V, N-Channel SO-8, Dual
December, 2012 - Rev. 11
NTMFS4C13N ONSEMI-NTMFS4C13N Datasheet
181Kb / 8P
MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
May, 2019 - Rev. 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com