Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC2166 Datasheet (PDF) - GTM CORPORATION

GSC2166 Datasheet PDF - GTM CORPORATION
Part # GSC2166
Download  GSC2166 Download
File Size   346.54 Kbytes
Page   5 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 600mA CMOS POSITIVE VOLTAGE REGULATOR

GSC2166 Datasheet (PDF)

Go To PDF Page Download Datasheet
GSC2166 Datasheet PDF - GTM CORPORATION

Part # GSC2166
Download  GSC2166 Click to download

File Size   346.54 Kbytes
Page   5 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 600mA CMOS POSITIVE VOLTAGE REGULATOR

GSC2166 Datasheet (HTML) - GTM CORPORATION


GSC2166 Product details

Description

The GSC2166 series of positive, linear regulators feature low quiescent current (30A typ.) with low dropout voltage, making them ideal for battery applications. The space-saving SOP-8 package is attractive for “Pocket” and “Hand Held” applications. These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the “Worst” of operating conditions. In applications requiring a low noise, regulated supply, place a 1000pF capacitor between Bypass and ground. The GSC2166 is stable with an output capacitance of 2.2F or greater.



Features

Very Low Dropout Voltage

Guaranteed 600mA output

Over-Temperature Shutdown

Current Limiting

Short Circuit Current Fold-back

Factory Pre-set Output Voltage

Highly Accurate± 1.5%

Noise Reduction Bypass Capacitor



Applications

Battery Powered Widgets

Instrumentation

Wireless Devices

Cordless Phones

PC Peripherals

Portable Electronics

Electronic Scales




Similar Part No. - GSC2166

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSC2166 ETL-GSC2166 Datasheet
352Kb / 5P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2166-15 ETL-GSC2166-15 Datasheet
352Kb / 5P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2166-25 ETL-GSC2166-25 Datasheet
352Kb / 5P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2166-28 ETL-GSC2166-28 Datasheet
352Kb / 5P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2166-29 ETL-GSC2166-29 Datasheet
352Kb / 5P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Similar Description - GSC2166

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
GTM CORPORATION
GSC2146 GTM-GSC2146 Datasheet
347Kb / 5P
600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2156 GTM-GSC2156 Datasheet
359Kb / 7P
600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2176 GTM-GSC2176 Datasheet
359Kb / 7P
600mA CMOS POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
600mA Low Dropout Positive Voltage Regulator
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
600mA Low Dropout Positive Voltage Regulator
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
600mA Low Dropout CMOS Positive Voltage Regulator
More results




About GTM CORPORATION


GTM Corporation is a Japanese company that specializes in the design, development, and production of high-quality industrial automation systems and equipment. The company was founded in 1989 and is headquartered in Tokyo, Japan.

GTM Corporation offers a wide range of automation solutions, including custom-made systems for manufacturing, assembly, testing, and inspection processes. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries, including automotive, electronics, and medical equipment. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

GTM Corporation's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, GTM Corporation is a trusted provider of industrial automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com