Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC2176 Datasheet (PDF) - GTM CORPORATION

GSC2176 Datasheet PDF - GTM CORPORATION
Part # GSC2176
Download  GSC2176 Download
File Size   359.27 Kbytes
Page   7 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 600mA CMOS POSITIVE VOLTAGE REGULATOR

GSC2176 Datasheet (PDF)

Go To PDF Page Download Datasheet
GSC2176 Datasheet PDF - GTM CORPORATION

Part # GSC2176
Download  GSC2176 Click to download

File Size   359.27 Kbytes
Page   7 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description 600mA CMOS POSITIVE VOLTAGE REGULATOR

GSC2176 Datasheet (HTML) - GTM CORPORATION


GSC2176 Product details

Description
The GSC2176 of positive, linear regulators feature low ground current (30μA typ.) with low dropout voltage, making then ideal for battery applications. The space-saving SOP-8 package is attractive for “Pocket” and “Hand Held” applications.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the “Worst” of operating conditions.
The GSC2176 is stable with an output capacitance of 2.2μF or greater.

Features
• Very Low Dropout Voltage
• Guaranteed 600mA output
• Accurate to within 1.5%
• Over-Temperature Shutdown
• Current Limiting
• Short Circuit Current Fold-back
• Low Temperature Coefficient
• Power-saving Shutdown Mode
• User Adjustable Output Voltages

Applications
• Battery Powered Widgets
• Instrumentation
• Wireless Devices
• Cordless Phones
• PC Peripherals
• Portable Electronics




Similar Part No. - GSC2176

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSC2176 ETL-GSC2176 Datasheet
365Kb / 7P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GSC2176-AD ETL-GSC2176-AD Datasheet
365Kb / 7P
6 0 0 m A C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Similar Description - GSC2176

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
GTM CORPORATION
GSC2146 GTM-GSC2146 Datasheet
347Kb / 5P
600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2156 GTM-GSC2156 Datasheet
359Kb / 7P
600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2166 GTM-GSC2166 Datasheet
346Kb / 5P
600mA CMOS POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
600mA Low Dropout Positive Voltage Regulator
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
600mA Low Dropout Positive Voltage Regulator
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
600mA Low Dropout CMOS Positive Voltage Regulator
More results




About GTM CORPORATION


GTM Corporation is a Japanese company that specializes in the design, development, and production of high-quality industrial automation systems and equipment. The company was founded in 1989 and is headquartered in Tokyo, Japan.

GTM Corporation offers a wide range of automation solutions, including custom-made systems for manufacturing, assembly, testing, and inspection processes. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries, including automotive, electronics, and medical equipment. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

GTM Corporation's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, GTM Corporation is a trusted provider of industrial automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com