Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC2176 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GSC2176
Description  600mA CMOS POSITIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC2176 Datasheet(HTML) 3 Page - GTM CORPORATION

  GSC2176 Datasheet HTML 1Page - GTM CORPORATION GSC2176 Datasheet HTML 2Page - GTM CORPORATION GSC2176 Datasheet HTML 3Page - GTM CORPORATION GSC2176 Datasheet HTML 4Page - GTM CORPORATION GSC2176 Datasheet HTML 5Page - GTM CORPORATION GSC2176 Datasheet HTML 6Page - GTM CORPORATION GSC2176 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GSC2176
Page: 3/7
ISSUED DATE :2006/03/07
REVISED DATE :
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GSC2176-AD
6GAD2
XXXX
Adjustable
Detailed Description
The GSC2176 of COMS regulator contain a PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision
reference. Over-current and Thermal shutdown circuits become active when the junction temperature exceeds
150 : , or the current exceeds 600mA. During thermal shutdown, the output voltage remains low. Normal
operation is restored when the junction temperature drops below 120 : .
The GSC2176 switches from voltage mode to current mode when the load exceeds the rated output current.
This prevents over-stress. The GSC2176 also incorporates current fold-back to reduce power dissipation when
the output is short circuited. This feature becomes active when the output drops below 0.8 volts, and reduces
the current flow by 65%. Full current is restored when the voltage exceeds 0.8 volts.
External Capacitors
The GSC2176 is stable with an output capacitance to ground of 2.2 F or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the
highest ESR, resulting in the poorest AC response. Unfortunately, large value ceramic capacitors are
comparatively expensive. One option is to parallel a 0.1uF ceramic capacitor with a 10uF Aluminum Electrolytic.
The benefit is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the input and ground to stabilize VIN. The input capacitor should
be at least 0.1 F to have a beneficial effect.
All capacitors should be placed in close proximity to the pins. A “Quiet” ground termination is desirable. This
can be achieved with a “Star” connection.
Enable
The Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shuts off, and all
internal circuits are powered down. In this state, the quiescent current is less than 1 A. This pin behaves much
like an electronic switch.
ADJ
The ADJ pin is the positive input to the error amplifier which, due to the PMOS pass element inversion, means
it is actually the negative input of the LDO feedback loop. The feedback works to keep the voltage at the ADJ
pin 1.215V with respect to ground. Since the internal circuitry at the ADJ pin is essentially an ESD protected
CMOS gate the input current at the ADJ pin is virtually zero.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com