Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC2176 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GSC2176
Description  600mA CMOS POSITIVE VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC2176 Datasheet(HTML) 2 Page - GTM CORPORATION

  GSC2176 Datasheet HTML 1Page - GTM CORPORATION GSC2176 Datasheet HTML 2Page - GTM CORPORATION GSC2176 Datasheet HTML 3Page - GTM CORPORATION GSC2176 Datasheet HTML 4Page - GTM CORPORATION GSC2176 Datasheet HTML 5Page - GTM CORPORATION GSC2176 Datasheet HTML 6Page - GTM CORPORATION GSC2176 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GSC2176
Page: 2/7
ISSUED DATE :2006/03/07
REVISED DATE :
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
I
nput Max Voltage
VIN
8
V
Output Current
IOUT
PD/( VIN- VO)
mA
Output Voltage
VOUT
Gnd-0.3 to VIN+0.3
V
Operating Ambient Temperature
Topr
-40 ~ +85
:
Junction Temperature
Tj
-40 ~ +125
:
Maximum Junction Temperature
Tj Max
150
:
Internal Power Dissipation
PD
810
mW
EDS Classification
B
Electrical Characteristics TA=25 :::: unless otherwise noted
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Output Voltage
VOUT(E)
(Note1)
IO
=1mA, VIN=VOUT(T)+2V
-1.5
VOUT(T)
(Note2)
1.5
%
Output Current
IO
VO>1.2V
600
-
-
mA
Current Limit
ILIM
VO>1.2V
600
800
-
mA
Short Circuit Current
ISC
VIN=VOUT(T)+1V, VO < 0.8V
-
300
600
mA
Load Regulation
REGLOAD
VIN=VOUT(T)+2V, IO=1mA to 600mA
-
0.2
1
%
1.5V<VOUT(T) 2.0V
-
-
1400
2.0V<VOUT(T) 2.8V
-
-
800
Dropout Voltage
VDROPOUT
IO
=600mA
VO=VOUT(E)-2%
2.8V<VOUT(T)
-
-
600
mV
Ground Pin Current
IGND
VIN=VOUT(T)+2V, IO=1mA to 600mA
-
30
-
A
VOUT(T)<2.0V
-
-
0.15
Line Regulation
REGLINE
IO
=1mA
VIN=VOUT(T)+1 to
VOUT(T)+2
VOUT(T) 2.0V
-
0.02
0.1
%
I
nput Voltage
VIN
Note3
-
7
V
Over Temperature Shutdown
OTS
-
150
-
:
Over Temperature Hysterisis
OTH
-
30
-
:
Output Voltage
Temperature Coefficient
TC
-
30
-
ppm/ :
f=1kHz
-
50
-
f=10kHz
-
20
-
Power Supply Rejection
PSRR
I
o=100mA
Co=2.2 F
f=100kHz
-
15
-
dB
Output Voltage Noise
eN
f=10Hz~100kHz, Io=10mA, Co=2.2 F
-
30
-
Vrms
ADJ Reference Voltage
VREF
1.203
1.215
1.227
V
VEH
VIN=2.7V to 7V
2.0
-
VIN
V
EN Input Threshold
VEL
VIN=2.7V to 7V
0
-
0.4
V
IEH
VEN=VIN, VIN=2.7V to 7V
-
-
0.1
A
EN Input Bias Current
IEL
VEN= 0V, VIN=2.7V to 7V
-
-
0.5
A
Shutdown Supply Current
ISD
VIN=5V, VO=0V, VEN<VEL
-
0.5
0.1
A
Note 1: VOUT (E) =Effective Output Voltage (i.e. the output voltage when “VOUT (T) + 2.0V” is provided at the VIN pin while maintaining a
certain IOUT value).
2: VOUT (T) =Specified Output Voltage
3: VIN (MIN) =VOUT+VDROPOUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com