Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLNR3 Datasheet (PDF) - International Rectifier

IRPLLNR3 Datasheet PDF - International Rectifier
Part # IRPLLNR3
Download  IRPLLNR3 Download
File Size   329.44 Kbytes
Page   27 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Universal Input Linear Fluorescent Ballast using the IR2167

IRPLLNR3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRPLLNR3 Datasheet PDF - International Rectifier

Part # IRPLLNR3
Download  IRPLLNR3 Click to download

File Size   329.44 Kbytes
Page   27 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Universal Input Linear Fluorescent Ballast using the IR2167

IRPLLNR3 Datasheet (HTML) - International Rectifier


IRPLLNR3 Product details

Description
The IR2167 Demo Board is a high efficiency, high power factor, fixed output electronic ballast designed for driving rapid start fluorescent lamp types. The design contains an EMI filter, active power factor correction and a ballast control circuit using the IR2167. This demo board is intended to ease the evaluation of the IR2167 Ballast Control IC, demonstrate PCB layout techniques and serve as an aid in the development of production ballast’s using the International Rectifier IR2167.

Features
• Drives 1 x 35W TL5 Lamp (or 1X28WTL5 Lamp)
• Input Voltage: 80-260Vac
• High Power Factor/Low THD
• High Frequency Operation (42kHz)
• Lamp Filament Preheating
• Lamp Fault Protection with Auto-Restart
• Brownout Protection
• End of Lamp Life Shutdown
• IR2167 HVIC Ballast Controller




Similar Part No. - IRPLLNR3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IRPLLNR1 IXYS-IRPLLNR1 Datasheet
790Kb / 15P
POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
logo
International Rectifier
IRPLLNR2 IRF-IRPLLNR2 Datasheet
355Kb / 16P
High Power Factor/Low THD
IRPLLNR5 IRF-IRPLLNR5 Datasheet
331Kb / 21P
IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
IRPLLNR7 IRF-IRPLLNR7 Datasheet
303Kb / 18P
The IRPLLNR7 Demo Board is a high efficiency, high power factor, fixed output electronic ballast designed for driving rapid start fluorescent lamp types.
More results


Similar Description - IRPLLNR3

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4835 MICRO-LINEAR-ML4835 Datasheet
380Kb / 17P
Compact Fluorescent Electronic Dimming Ballast Controller
ML4836 MICRO-LINEAR-ML4836 Datasheet
307Kb / 15P
Compact Fluorescent Electronic Dimming Ballast Controller
logo
Fairchild Semiconductor
FAN7710 FAIRCHILD-FAN7710 Datasheet
921Kb / 18P
Ballast Control IC for Compact Fluorescent Lamps
logo
International Rectifier
IRPLCFL8U IRF-IRPLCFL8U Datasheet
609Kb / 27P
Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
IRPLDIM3 IRF-IRPLDIM3 Datasheet
699Kb / 27P
IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
IRPLDIM5E IRF-IRPLDIM5E Datasheet
506Kb / 17P
4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
HID Ballast for 70W Lamp Using the IRS2573D
logo
IXYS Corporation
IXDN0037 IXYS-IXDN0037 Datasheet
410Kb / 31P
Non-Dimmable Fluorescent Ballast
logo
STMicroelectronics
AN2640 STMICROELECTRONICS-AN2640 Datasheet
1Mb / 36P
Intelligent multipower digital ballast for fluorescent lamps
28-Jan-2008
logo
International Rectifier
IRPLLNR5 IRF-IRPLLNR5 Datasheet
331Kb / 21P
IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com