Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLNR3 Datasheet(PDF) 2 Page - International Rectifier

Part # IRPLLNR3
Description  Universal Input Linear Fluorescent Ballast using the IR2167
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLNR3 Datasheet(HTML) 2 Page - International Rectifier

  IRPLLNR3 Datasheet HTML 1Page - International Rectifier IRPLLNR3 Datasheet HTML 2Page - International Rectifier IRPLLNR3 Datasheet HTML 3Page - International Rectifier IRPLLNR3 Datasheet HTML 4Page - International Rectifier IRPLLNR3 Datasheet HTML 5Page - International Rectifier IRPLLNR3 Datasheet HTML 6Page - International Rectifier IRPLLNR3 Datasheet HTML 7Page - International Rectifier IRPLLNR3 Datasheet HTML 8Page - International Rectifier IRPLLNR3 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
www.irf.com
IRPLLNR3
Parameter
Units
Value
Lamp Type
35W TL5
Input Power
[W]
35
Lamp running voltage
[Vpp]
750
Run Mode Frequency
[kHz]
42
Preheat Mode Frequency
[kHz]
56
Preheat Time
[s]
1
Lamp Preheat Voltage
[Vpp]
400Vpp
Ignition Ramp Mode Frequency
[kHz]
36
Ignition Voltage
[Vpp]
2000
Input AC Voltage Range
[VACrms]
80-260VAC
Power Factor
0.99 at 120VAC
Total Harmonic Distortion
[%]
10 at 120VAC
Note: Measurements performed with input AC line voltage = 220Vrms
Fault Protection Characteristics
Functional Description
Overview
The IR2167 Demo Board consists of an EMI filter, an active power factor correction section, a ballast
control section and a resonant lamp output stage. The active power factor correction section is a
boost converter operating in critical conduction mode, free-running frequency mode. The ballast
control section provides frequency modulation control of a traditional RCL lamp resonant output
circuit and is easily adaptable to a wide variety of lamp types. The ballast control section also
provides the necessary circuitry to perform lamp fault detection, shutdown and auto-restart. All
functional descriptions refer to the IR2167 Demo Board schematic diagram.
Fault
Ballast
Restart Operation
Line voltage low
Deactivates
Increase line voltage
Upper filament broken
Deactivates
Lamp exchange
Lower filament broken
Deactivates
Lamp exchange
Failure to ignite
Deactivates
Lamp exchange
Open circuit (no lamp)
Deactivates
Lamp exchange
End of life
Deactivates
Lamp exchange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com