Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLNR3 Datasheet(PDF) 21 Page - International Rectifier

Part # IRPLLNR3
Description  Universal Input Linear Fluorescent Ballast using the IR2167
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLNR3 Datasheet(HTML) 21 Page - International Rectifier

Back Button IRPLLNR3 Datasheet HTML 17Page - International Rectifier IRPLLNR3 Datasheet HTML 18Page - International Rectifier IRPLLNR3 Datasheet HTML 19Page - International Rectifier IRPLLNR3 Datasheet HTML 20Page - International Rectifier IRPLLNR3 Datasheet HTML 21Page - International Rectifier IRPLLNR3 Datasheet HTML 22Page - International Rectifier IRPLLNR3 Datasheet HTML 23Page - International Rectifier IRPLLNR3 Datasheet HTML 24Page - International Rectifier IRPLLNR3 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.irf.com
21
RPLLNR3
Figure 18 shows the voltage in the SD pin and the voltage on the lamp in these 4 cases: no end of life,
DC end of life (upper cathode deteriorated and lower cathode deteriorated) and AC end of life (both
filaments deteriorated in the same way).
Figure 18: Voltage in the SD pin and voltage on the lamp in these 4 cases:
no end of life, DC end of life and AC end of life.
2V
3V
1V
2V
3V
1V
2V
3V
1V
2V
3V
1V
0V
Vspec
0V
0V
0V
Vspec + 30%
-Vspec - 30%
Vspec + 30%
-Vspec - 30%
SD pin Voltage
Lamp Voltage
Vspec = VpK in the spec of the
lamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com