Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLNR3 Datasheet(PDF) 13 Page - International Rectifier

Part # IRPLLNR3
Description  Universal Input Linear Fluorescent Ballast using the IR2167
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLNR3 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRPLLNR3 Datasheet HTML 9Page - International Rectifier IRPLLNR3 Datasheet HTML 10Page - International Rectifier IRPLLNR3 Datasheet HTML 11Page - International Rectifier IRPLLNR3 Datasheet HTML 12Page - International Rectifier IRPLLNR3 Datasheet HTML 13Page - International Rectifier IRPLLNR3 Datasheet HTML 14Page - International Rectifier IRPLLNR3 Datasheet HTML 15Page - International Rectifier IRPLLNR3 Datasheet HTML 16Page - International Rectifier IRPLLNR3 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.irf.com
13
RPLLNR3
Figure 8: Ignition ramp (crossed lamps)
During the Ignition Ramp mode the voltage on the CPH pin of the IR2167 continues to ramp up until
the voltage at the CPH pin of the IR2167 exceeds the Run mode threshold (5.1V). Over-current
sensing is also enabled at the beginning of the Ignition Ramp mode. A full explanation of the function-
ality of the over-current sensing is in the section on Fault Mode.
Run Mode
At the end of the Ignition Ramp mode (CPH pin > 5.1V) the ballast switches to the Run mode at which
point the frequency is shifted to the run frequency. The run frequency is determined by the parallel
combination of resistors RT and RRUN and capacitor CT. Resistor RRUN is connected in parallel by
turning on the internal open drain MOSFET connected to the RUN pin of the IR2167 (see IR2167
block diagram). The sensing of under-current conditions and the 1-3V window comparator in the SD
pin are also enabled at the beginning of the Run mode. The full explanation of the functionality of the
under-current sensing and end-of-life sensing is in the section on Fault Mode. Figure 9 shows the
functionality of the CPH, RPH and RUN pins of the IR2167 during Startup, Preheat, Ignition Ramp
and Run modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com