Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA13173H Datasheet (PDF) - Renesas Technology Corp

HA13173H Datasheet PDF - Renesas Technology Corp
Part # HA13173H
Download  HA13173H Download
File Size   218.69 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiple Voltage Regulator for Car Audio

HA13173H Datasheet (PDF)

Go To PDF Page Download Datasheet
HA13173H Datasheet PDF - Renesas Technology Corp

Part # HA13173H
Download  HA13173H Click to download

File Size   218.69 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Multiple Voltage Regulator for Car Audio

HA13173H Datasheet (HTML) - Renesas Technology Corp


HA13173H Product details

Description

The HA13173H is a multiple voltage regulator for car audio system. This IC has 5.0 V output for a microcontroller, 3.3V output for a Digital Signal Processor, 8.0 V output for CD driver, 8.4 V output for audio control, 8.4 V output for illuminations, and high side switch output for external output.

The HA13173H also has FREG that is possible to control external PNP transistor. It is adjustable output voltage by changing an external resistor.



Functions

•  Standby current is 100 µA max.

•  The Vdd output for microcontroller has backup function, by independent power supply line.

•  Low saturation output (PNP output) used for audio output.

•  Output current limit circuit to avoid device destruction caused by shorted output, etc.

•  High surge input protector against VB and VBUP.

•  Built in a thermal shutdown circuit to prevent against the thermal destruction.

•  The package is PRSS0015DA-C (SP-15TGV).




Similar Part No. - HA13173H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
Multiple Voltage Regulator for Car Audio
More results


Similar Description - HA13173H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Mar-2001
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
Multiple Voltage Regulator for Car Audio
HA13165H RENESAS-HA13165H Datasheet
120Kb / 10P
Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
Multiple Voltage Regulator for Car Audio
HA13168H RENESAS-HA13168H Datasheet
130Kb / 11P
Multiple Voltage Regulator for Car Audio
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
10-Dec-2009
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
logo
STMicroelectronics
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
09-Jul-2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com