Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5950 Datasheet (PDF) - STMicroelectronics

L5950 Datasheet PDF - STMicroelectronics
Part # L5950
Download  L5950 Download
File Size   132.89 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO

L5950 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5950 Datasheet PDF - STMicroelectronics

Part # L5950
Download  L5950 Click to download

File Size   132.89 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO

L5950 Datasheet (HTML) - STMicroelectronics


L5950 Product details

DESCRIPTION
The ASPM (Audio System Power Module) is an integration of three high side drivers and five regulators developed to provide the power for an audio system.
The outputs of the IC are controlled via the I2C bus and the Enable input.
External protection must be provided for reverse battery protection.

■ 5 REGULATORS 10V (350mA); 8.5V (175mA); 5V (350mA); 5V (250mA); 8V/10V (1A)
■ ALL REGULATORS ARE LOW DROPOUT OUPUTS
■ 3 HIGH SIDE DRIVERS: 2A (HSD1), 0.45A (HSD2 & HSD3)
■ NO EXTERNAL CHARGE PUMP CAPACITORS ARE REQUIRED
■ STAND BY MODE CONTROLLED BY 3 INPUT PINS: ENABLE FOR REG2 AND REG3, I2C BUS FOR REG1, REG4, REG5, HSD1, HSD2, HSD3
■ INDIVIDUAL THERMAL SHUTDOWN
■ INDEPENDENT CURRENT LIMITING
■ SHORT CIRCUIT PROTECTION
■ LOAD DUMP PROTECTION AND OVERVOLTAGE SHUTDOWN
■ ESD PROTECTED




Similar Part No. - L5950

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5951 STMICROELECTRONICS-L5951 Datasheet
119Kb / 13P
TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
Jan-2001
L5951 STMICROELECTRONICS-L5951 Datasheet
297Kb / 18P
Triple output multifunction voltage regulator for car radio with IDR/class2 interface
23-Sep-2013
L5951 STMICROELECTRONICS-L5951_V01 Datasheet
297Kb / 18P
Triple output multifunction voltage regulator for car radio with IDR/class2 interface
23-Sep-2013
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
Sep-2003
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
MULTIPLE SWITCHING VOLTAGE REGULATOR
Sep-2003
More results


Similar Description - L5950

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953 STMICROELECTRONICS-L4953 Datasheet
44Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L4953K STMICROELECTRONICS-L4953K Datasheet
56Kb / 8P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
REV BATT
L5956 STMICROELECTRONICS-L5956 Datasheet
231Kb / 16P
Multifunction voltage regulator for car radio
29-Aug-2007
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L5959 STMICROELECTRONICS-L5959 Datasheet
201Kb / 19P
Multifunction voltage regulator for car radio
28-Aug-2007
L5956 STMICROELECTRONICS-L5956_11 Datasheet
291Kb / 17P
Multifunction voltage regulator for car radio
27-Jun-2011
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5957 STMICROELECTRONICS-L5957 Datasheet
208Kb / 16P
Multifunction voltage regulator for car radio
08-Jan-2010
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
09-Jul-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com