Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5952 Datasheet (PDF) - STMicroelectronics

L5952 Datasheet PDF - STMicroelectronics
Part # L5952
Download  L5952 Download
File Size   145.14 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR

L5952 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5952 Datasheet PDF - STMicroelectronics

Part # L5952
Download  L5952 Click to download

File Size   145.14 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR

L5952 Datasheet (HTML) - STMicroelectronics


L5952 Product details

DESCRIPTION
The L5952 is a multifunction 5 output voltage regulator plus a High Side Driver primarily developed for car radio applications.
Three outputs are enabled and set via I2C bus.
Very low stand-by current consumption is achieved to specifically comply with entertainment and automotive environments.

■ FIVE REGULATED OUTPUTS
   Vo1 5V @500mA
   Vo2 8.3V @ 250mA
   Vo3 7.7V to 8.5V @250mA (I2C presettable)
   Vo4 5V to 7.3V @0.4A (I2C presettable)
   Vo5 3.3V to 5V @500mA (I2C presettable)
   HSDout RON = 0.6Ω
■ I2C ENABLE & OUT PRESET
■ ADJUSTABLE BATTERY DETECTION CIRCUIT
■ RESET OUTPUT
■ BACKUP FACILITY
■ LOW QUIESCENT CONSUMPTION
■ HIGH RIPPLE REJECTION
■ LOAD DUMP
■ OVERCURRENT & SHORT CIRCUIT PROTECTORS
■ THERMAL SHUTDOWN




Similar Part No. - L5952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Mar-2001
L5951 STMICROELECTRONICS-L5951 Datasheet
119Kb / 13P
TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
Jan-2001
L5951 STMICROELECTRONICS-L5951 Datasheet
297Kb / 18P
Triple output multifunction voltage regulator for car radio with IDR/class2 interface
23-Sep-2013
L5951 STMICROELECTRONICS-L5951_V01 Datasheet
297Kb / 18P
Triple output multifunction voltage regulator for car radio with IDR/class2 interface
23-Sep-2013
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
MULTIPLE SWITCHING VOLTAGE REGULATOR
Sep-2003
More results


Similar Description - L5952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4937N STMICROELECTRONICS-L4937N Datasheet
66Kb / 9P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Mar-2001
logo
Sanyo Semicon Device
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
Multifunction Multiple Voltage Regulator
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator?
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator???
LA5668 SANYO-LA5668 Datasheet
87Kb / 4P
Multifunction Voltage Regulator???
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L4938ND013TR STMICROELECTRONICS-L4938ND013TR Datasheet
563Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
09-Jul-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com