Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5952 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L5952
Description  MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5952 Datasheet(HTML) 4 Page - STMicroelectronics

  L5952 Datasheet HTML 1Page - STMicroelectronics L5952 Datasheet HTML 2Page - STMicroelectronics L5952 Datasheet HTML 3Page - STMicroelectronics L5952 Datasheet HTML 4Page - STMicroelectronics L5952 Datasheet HTML 5Page - STMicroelectronics L5952 Datasheet HTML 6Page - STMicroelectronics L5952 Datasheet HTML 7Page - STMicroelectronics L5952 Datasheet HTML 8Page - STMicroelectronics L5952 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
L5952
4/15
OUTPUTS:
Output voltage 1 (Vout1)
Vout
Output Voltage
Iout < 500mA; Vbatt-up cap = 9 to 16V
Iout < 250mA; Vbatt-up cap = 7 to 9V
4.75
5
5.25
V
Imax.
Maximum Current
current limiter
600
1200
mA
∆Vload
Load Regulation
Iout = 0 to 500mA
30
50
mV
SVRR
Ripple Rejection
1kHz, Vripple = 2Vpp
50
60
dB
Vdrop1
Voltage Drop
Iout = 500mA
1.5
2.5
V
Vdrop2
Voltage Drop
Iout = 250mA
0.75
1.25
V
∆Vlin
Line Regulation
IOUT = 0
0
50
mV
Vout1 is 5V regulator
Output voltage 2 (Vout2)
Vout
Output Voltage
Iout < 250mA; Vin = 9 to 16V
8.1
8.3
8.5
V
Imax.
Maximum Current
current limiter
300
450
mA
∆Vload
Load Regulation
Iout = 0 to 250mA
20
50
mV
SVRR
Ripple Rejection
1kHz , Vripple = 2Vpp
45
55
dB
Vdrop
Voltage Drop
Iout = 250mA
0.5
0.6
V
∆Vlin
Line Regulation
IOUT = 0
0
50
mV
Vout2 has On/OFF function by I
2C. Default is OFF
Output voltage 3 (Vout3)
Vadj
Adjustable range
Iout < 250mA; Vin = 9 to 16V
7.7
8.5
V
Imax.
Maximum Current
current limiter
300
mA
∆Vload
Load Regulation
Iout = 0
20
50
mV
SVRR
Ripple Rejection
1kHz , Vripple = 2Vpp
50
60
dB
Vdrop
Voltage Drop
Iout = 250mA
0.45
0.6
V
∆Vlin
Line Regulation
IOUT = 0
0
50
mV
Vout3 Voltage configuration
Setting 1
Iout <250mA; Vin = 10 to 16V
8.2
8.5
8.8
V
Setting 2
Iout <250mA; Vin = 10 to 16V
8
8.3
8.6
V
Setting 3
Iout <250mA; Vin = 10 to 16V
7.8
8.1
8.4
V
Setting 4
Iout <250mA; Vin = 9 to 16V
7.6
7.9
8.2
V
Setting 5
Iout <250mA; Vin = 9 to 16V
7.4
7.7
8.0
V
Select one of above settings as well as ON/OFF control by I2C. Default is OFF.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ELECTRICAL CHARACTERISTCS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com