Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5952 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5952
Description  MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5952 Datasheet(HTML) 3 Page - STMicroelectronics

  L5952 Datasheet HTML 1Page - STMicroelectronics L5952 Datasheet HTML 2Page - STMicroelectronics L5952 Datasheet HTML 3Page - STMicroelectronics L5952 Datasheet HTML 4Page - STMicroelectronics L5952 Datasheet HTML 5Page - STMicroelectronics L5952 Datasheet HTML 6Page - STMicroelectronics L5952 Datasheet HTML 7Page - STMicroelectronics L5952 Datasheet HTML 8Page - STMicroelectronics L5952 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
L5952
TEST CIRCUIT
ELECTRICAL CHARACTERISTCS (Ref. to Test Circuit, VIN = 14.4V, Tcase = 25°C, unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
INPUT
Vop
Operating Voltage
9
16
V
Jump Start
t< 1min; still in normal operation
27
V
Load Dump
50V, 50ms; still in normal
operation at Vout1, Det 1,2,3
50
V
Delay Reset
C2 = 1µF2
3
4
ms
System Reset LO
Vout1, Det 1,2,3,17 = active
1
V
System Reset Hi
4
V
IQ
Quiescent Current
Vout1, Det 1,2,3,17 = active
Not including I into R1 to R6
80
120
µA
Hard Reset
C = 1
µF; R = 150kΩ
50
100
ms
1
2
3
6
9
TAB
GND
VOUT1
DET1IN
DET2IN
C1
47
µF
C11
470
µF
C10
0.1
µF
R2
150K
Ω
R3
130K
Ω
R4
47K
Ω
R1 160K
Ω
R7 100K
Ω
R3
150K
Ω
R8 100K
Ω
R9 100K
Ω
R10 100K
Ω
13
14
15
16
18
RESET
RESET
N.C.
D1
VIN
24
VIN
DET17
DET3
DET2
DET1
8,12
25
DATA
22
CLK
20
23
DIG GND
VOUT6
DATA
CLK
DGND
ST CAP
17
C6
1000
µF
10
DET3IN
R5
270K
Ω
R6
47K
Ω
VOUT4
19
C9
10
µF
C7
10
µF
21
VOUT5
C8
10
µF
VOUT3
7
C4
10
µF
VOUT2
5
C3
10
µF
DELAY CAP
4
C2
1
µF
HRCAP
11
C5
1
µF
D00AU1172B
L5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com